| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
103-059-251-200 bảng dữ liệu(PDF) 2 Page - EDAC, All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
103-059-251-200 bảng dữ liệu(HTML) 2 Page - EDAC, All Rights Reserved. |
|
2 / 2 page ![]() www.edac.net customerservice@edac.net 100/103/105/106 Series Card Edge Connectors customerservice@edac.net .200 (5.08) LOWER TIER .200 (5.08) UPPER TIER .100 (2.54) .125 (3.18) .084 (2.13) GUIDE PIN POLARIZING SLEEVE P/N 100-240-318 OMIT MATING GUIDE TUNNEL .100 (2.54) .082 (2.08) .500 (12.70) CARD GUIDE GUIDE PIN P/N 100-222-104 .438 .125 (3.17) A B G .200 (5.08) G P/N 100-220-101 .200 (5.08) CARD GUIDE P/N 100-220-100 .400 G P/N 100-220-101 CARD GUIDE P/N 100-220-100 CARD GUIDE .100 .500 (12.70) .330 (8.38) G .041 (1.04) .057 (1.45) .100 (2.54) OR .200 (5.08) P/N 100-221-100 CONTACT .190 (4.83) .312 (7.92) G .230 (5.84) MATED ASSEMBLY .100 (2.54) OR .200 (5.08) 45 DEGREE CONTACT PATTERN G P/N 100-221-102 GUIDE SOCKET MATED ASSEMBLY UPPER TIER LOWER TIER G CONTACT CODES 250, 251 .062 (1.57) NOMINAL THICKNESS BOARDS GUIDE PIN P/N 100-222-102 (11.13) .062 (1.57) NOMINAL THICKNESS BOARDS CONTACT CODES 253 CONTACT SPACING PARALLEL P.C. BOARDS .100 (2.54) OR .200 (5.08) PATTERN CONTACT 45 DEGREE GUIDE SOCKET P/N 100-221-104 DAUGHTER BOARD -CONTACT CODE 208 MOTHER BOARD -CONTACT CODES 253 MOTHER/DAUGHTER BOARDS .100 (2.54) OR .200 (5.08) CONTACT SPACING -.062 (1.57) NOMINAL THICKNESS BOARDS -.062 (1.57) NOMINAL THICKNESS BOARDS MOTHER BOARD -CONTACT CODES 250, 251 CONTACT SPACING DAUGHTER BOARD -UPPER TIER CONTACT CODE 201 -LOWER TIER CONTACT CODES 202, 203 -.062 (1.57) NOMINAL THICKNESS BOARDS DAUGHTER BOARD -CONTACT CODES 201, 202, 203 MOTHER/DAUGHTER BOARDS .200 (5.08) MOTHER BOARD -CONTACT CODES 250, 251 -.062 (1.57) NOMINAL THICKNESS CONTACT SPACING -.062 (1.57) NOMINAL THICKNESS BOARDS CONTACT CODE A B 201 202, 203 .084 (2.13) .209 (5.31) .400 (10.16) .500 (12.70) (2.54) (10.16) |