| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DI101S bảng dữ liệu(PDF) 4 Page - Pan Jit International Inc. |
|
|
|||||||||||||||||||||||||||||
DI101S bảng dữ liệu(HTML) 4 Page - Pan Jit International Inc. |
|
4 / 5 page ![]() PAGE . 4 November 14,2014-REV.02 DI100S~DI1010S Part No_packing code_Version DI100S_R2_00001 DI100S_T0_00001 For example : RB500V-40_R2_00001 Part No. Serial number Version code means HF Packing size code means 13" Packing type means T/R Packing Code XX Version Code XXXXX Packing type 1st Code Packing size code 2nd Code HF or RoHS 1st Code 2nd~5th Code Tape and Ammunition Box (T/B) A N/A 0 HF 0 serial number Tape and Reel (T/R) R 7" 1 RoHS 1 serial number Bulk Packing (B/P) B 13" 2 Tube Packing (T/P) T 26mm X Tape and Reel (Right Oriented) (TRR) S 52mm Y Tape and Reel (Left Oriented) (TRL) L PANASERT T/B CATHODE UP (PBCU) U FORMING F PANASERT T/B CATHODE DOWN (PBCD) D |