công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL9205AEVAL1Z bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện ISL9205AEVAL1Z
Giải thích chi tiết về linh kiện  Li-ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9205AEVAL1Z bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  ISL9205AEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL9205AEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL9205AEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL9205AEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL9205AEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL9205AEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL9205AEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL9205AEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL9205AEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ISL9205, ISL9205A, ISL9205B, ISL9205C, ISL9205D
FN9252 Rev 4.00
Page 2 of 17
Dec 20, 2018
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
TEMP.
RANGE (°C)
VBAT (V) VSEN TEMP TIMEOUT
TAPE AND REEL
(Units) (Note 1)
PACKAGE
(RoHS COMPLIANT)
PKG
DWG. #
ISL9205IRZ
DLBA
-40 to +85
4.2
Yes
Yes
Yes
-
16 Ld 3x3 QFN
L16.3x3B
ISL9205IRZ-T
DLBA
-40 to +85
4.2
Yes
Yes
Yes
6k
16 Ld 3x3 QFN
L16.3x3B
ISL9205AIRZ
DLCA
-40 to +85
4.2
Yes
No
No
-
10 Ld 3x3 DFN
L10.3x3
ISL9205AIRZ-T
DLCA
-40 to +85
4.2
Yes
No
No
6k
10 Ld 3x3 DFN
L10.3x3
ISL9205BIRZ
DLDA
-40 to +85
4.2
Yes
No
Yes
-
10 Ld 3x3 DFN
L10.3x3
ISL9205BIRZ-T
DLDA
-40 to +85
4.2
Yes
No
Yes
6k
10 Ld 3x3 DFN
L10.3x3
ISL9205CIRZ
DLEA
-40 to +85
4.256
Yes
No
Yes
-
10 Ld 3x3 DFN
L10.3x3
ISL9205CIRZ-T
DLEA
-40 to +85
4.256
Yes
No
Yes
6k
10 Ld 3x3 DFN
L10.3x3
ISL9205DIRZ
DLFA
-40 to +85
4.2
No
Yes
Yes
-
10 Ld 3x3 DFN
L10.3x3
ISL9205DIRZ-T
DLFA
-40 to +85
4.2
No
Yes
Yes
6k
10 Ld 3x3 DFN
L10.3x3
ISL9205EVAL1Z
Evaluation board
ISL9205AEVAL1Z
Evaluation board
ISL9205BEVAL1Z
Evaluation board
ISL9205CEVAL1Z
Evaluation board
ISL9205DEVAL1Z
Evaluation board
NOTES:
1. See TB347 for details about reel specifications.
2. Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination
finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Pb-free products are MSL classified at Pb-free
peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see ISL9205, ISL9205A, ISL9205B, ISL9205C, ISL9205D device pages. For more information about MSL, see
TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com