| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P30L0APLS102ML bảng dữ liệu(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
P30L0APLS102ML bảng dữ liệu(HTML) 2 Page - Vishay Siliconix |
|
2 / 6 page ![]() P30L www.vishay.com Vishay Sfernice Revision: 25-Jul-2022 2 Document Number: 51056 For technical questions, contact: sferpottrimmers@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 MODEL SHAFT CONDIFICATION L (mm) l (mm) P30LL FGF 16 3.17 FLF 25 12 FRF 30 12 P30LM FDF 13 3.17 FJF 22 12 FPF 47 12 Note • Shaft shown at center position. Flat opposite to the wiper MODEL SHAFT CONDIFICATION L (mm) P30LL FGS 16 FLS 25 FRS 50 P30LM FDS 13 FJS 22 FPS 47 Note • Slot aligned to the wiper at ± 10° DIMENSIONS in millimeters (inches) ± 0.5 mm (± 0.02") P30LME: Panel sealed Ø 1.2 (0.05) Ø 6 (0.24) Flats located FPR = 47 (1.85) FJR = 22 (0.87) FDR = 13 (0.61) 9 (0.35) Sealing ring 8 ± 0.2 (0.31 ± 0.01) Ø 10.5 (0.41) Ø 19.7 (0.78) Ø 1 (0.4) 0.7 (0.03) 16 (0.63) max. 23 (0.91) max. PANEL MOUNT Standard shaft style F (flatted) Ø 6 (0.24) L 5.5 ± 0.05 l Standard shaft style S (slotted) Ø 6 (0.24) L 1 1.8 ± 0.2 L L |