công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AORN2002ATF bảng dữ liệu(PDF) 3 Page - Vishay Siliconix

tên linh kiện AORN2002ATF
Giải thích chi tiết về linh kiện  Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AORN2002ATF bảng dữ liệu(HTML) 3 Page - Vishay Siliconix

  AORN2002ATF Datasheet HTML 1Page - Vishay Siliconix AORN2002ATF Datasheet HTML 2Page - Vishay Siliconix AORN2002ATF Datasheet HTML 3Page - Vishay Siliconix AORN2002ATF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AORN
www.vishay.com
Vishay Dale Thin Film
Revision: 06-Apr-2021
3
Document Number: 60127
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Examples:
1. 2-1 = ratio between resistance values
2. 1001 = four 1K resistors
ENVIRONMENTAL TESTS
ENVIRONMENTAL TEST
CONDITONS
SUGGESTED
PRODUCT
LIMITS
TYPICAL VISHAY
PERFORMANCE
< 10K
TYPICAL VISHAY
PERFORMANCE
> 10K
Max. Ambient Temperature
at Rated Wattage
+70 °C
+70 °C
+70 °C
Max. Ambient Temperature
at Power Derating
+155 °C
+155 °C
+155 °C
High Temperature Exposure
ΔR
MIL-STD-202, 108, 1000 h at 155 °C
± 0.20 %
0.08 %
0.045 %
Temperature Cycling
ΔR
JESD22, A104, 1000 cycles,
-55 °C to +155 °C
± 0.25 %
0.012 %
0.010 %
Moisture Resistance
ΔR
MIL-STD-202 method 106
± 0.20 %
0.007 %
0.007 %
Biased Humidity
ΔR
MIL-STD-202, 103, 1000 h at 85 °C,
85 % RH, 10 % P
± 0.25 %
0.075 %
0.075 %
Life
ΔR
MIL-STD-202, 108, 1000 h at 155 °C
± 0.50 %
0.199 %
0.221 %
Mechanical Shock
ΔR
MIL-STD-202 method 213, condition C
± 0.25 %
0.004 %
0.002 %
Vibration
ΔR
MIL-STD-202 method 204,
10 Hz to 2 kHz
± 0.25 %
0.004 %
0.002 %
Resistance to Soldering Heat
ΔR
MIL-STD-202, 204, condition B
± 0.10 %
-0.008 %
0.016 %
Electrostatic Discharg
ΔR
AEC-Q200-002 at 1 kV, human body
± 0.50 %
-0.028 %
AEC-Q200-002 at 2 kV, human body
± 0.50 %
0.108 %
Solderability
J-STD-002 method B and B1
95 %
Acceptable
Acceptable
Terminal Strenght
ΔR
AEC-Q200-006 at 1 kg for 60 s
Acceptable
Acceptable
Flame Retardance
AEC-Q200-001 Para 4.0
Acceptable
Acceptable
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: AORN 5-1
GLOBAL MODEL
(4 digits)
DIVIDER (1) or RESISTANCE
(3, 4 or 5 digits)
TOLERANCE %
(ABSOLUTE / RATIO)
PACKAGING
AORN
8 pin SOIC, surface-mount
(e4)
2 - 1
5 - 1
10 - 1
20 - 1
25 - 1
50 - 1
100 - 1
or
1001
2001
4991
1002
2002
2492
4992
1003
A = 0.1 / 0.05
B = 0.1 / 0.1
C = 0.25 / 0.1
D = 0.5 / 0.1
F = 1.0 / 0.5
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = full reel 3000
TS = 100 min., 1 mult
UF = TUBED
OR
N
1
0
1
A
0
A
F
U
OR
N
-
1
5
A
F
U
A



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com