| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT812Q-R bảng dữ liệu(PDF) 11 Page - Bridgetek Pte Ltd. |
|
|
|||||||||||||||||||||||||||||
FT812Q-R bảng dữ liệu(HTML) 11 Page - Bridgetek Pte Ltd. |
|
11 / 63 page ![]() Copyright © Bridgetek Pte Ltd 11 FT81X Embedded Video Engine Datasheet Version 1.4 Document No.: BRT_000002 Clearance No.: BRT#004 Pin Number Pin Name Type Description FT810 FT811 FT812 FT813 27 27 31 31 HSYNC O LCD Horizontal Sync. Powered from pin VCCIO2. 28 28 32 32 DISP O LCD Display Enable. Powered from pin VCCIO2. 29 29 33 33 PCLK O LCD Pixel Clock. Powered from pin VCCIO2. 30 30 34 34 B7 O Bit 7 of Blue RGB signals. Powered from pin VCCIO2. 31 31 35 35 B6 O Bit 6 of Blue RGB signals. Powered from pin VCCIO2. 32 32 36 36 B5 O Bit 5 of Blue RGB signals. Powered from pin VCCIO2. 33 33 37 37 B4 O Bit 4 of Blue RGB signals. Powered from pin VCCIO2. 34 34 38 38 B3 O Bit 3 of Blue RGB signals. Powered from pin VCCIO2. 35 35 39 39 B2 O Bit 2 of Blue RGB signals. Powered from pin VCCIO2. - - 40 40 B1 O Bit 1 of Blue RGB signals. Powered from pin VCCIO2. - - 41 41 B0 O Bit 0 of Blue RGB signals. Powered from pin VCCIO2. 36 36 42 42 GND P Ground 37 37 43 43 G7 O Bit 7 of Green RGB signals. Powered from pin VCCIO2. 38 38 44 44 G6 O Bit 6 of Green RGB signals. Powered from pin VCCIO2. 39 39 45 45 G5 O Bit 5 of Green RGB signals. Powered from pin VCCIO2. 40 40 46 46 G4 O Bit 4 of Green RGB signals. Powered from pin VCCIO2. 41 41 47 47 G3 O Bit 3 of Green RGB signals. Powered from pin VCCIO2. 42 42 48 48 G2 O Bit 2 of Green RGB signals. Powered from pin VCCIO2. - - 49 49 G1 O Bit 1 of Green RGB signals. Powered from pin VCCIO2. - - 50 50 G0 O Bit 0 of Green RGB signals. Powered from pin VCCIO2. |