| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT810Q-R bảng dữ liệu(PDF) 55 Page - Bridgetek Pte Ltd. |
|
|
|||||||||||||||||||||||||||||
FT810Q-R bảng dữ liệu(HTML) 55 Page - Bridgetek Pte Ltd. |
|
55 / 63 page ![]() Copyright © Bridgetek Pte Ltd 55 FT81X Embedded Video Engine Datasheet Version 1.4 Document No.: BRT_000002 Clearance No.: BRT#004 8 Package Parameters The FT81x is available in VQFN-48 and VQFN-56 packages. The package dimensions, markings and solder reflow profile for all packages are described in following sections. 8.1 Part Markings 8.1.1 Top side Notes: 1. YYWW = Date Code, where YY is year and WW is week number 2. Pre date code 1727 – company logo was FTDI 3. Marking alignment should be centre justified 4. Laser Marking should be used 5. All marking dimensions should be marked proportionally. Marking font should be using standard font (Roman Simplex) 6. BRT part number will be either FT810Q, FT811Q, FT812Q, FT813Q as per device selected. 8.1.3 Bottom Side No markings should be placed on the bottom side. |