| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT811Q-R bảng dữ liệu(PDF) 56 Page - Bridgetek Pte Ltd. |
|
|
|||||||||||||||||||||||||||||
FT811Q-R bảng dữ liệu(HTML) 56 Page - Bridgetek Pte Ltd. |
|
56 / 63 page ![]() Copyright © Bridgetek Pte Ltd 56 FT81X Embedded Video Engine Datasheet Version 1.4 Document No.: BRT_000002 Clearance No.: BRT#004 8.2 VQFN-48 Package Dimensions A A1 A3 b D E D2 E2 e L K MIN. 0.80 0.00 0.20 5.15 5.15 0.35 0.20 NOM. 0.85 0.02 0.20 0.25 7.00 7.00 5.20 5.20 0.50 0.40 MAX. 0.90 0.05 0.30 5.25 5.25 0.45 All dimensions are in millimetres (mm) Figure 8-1 VQFN-48 Package Dimensions 8.3 VQFN-56 Package Dimensions A A1 A3 b D E D2 E2 e L K MIN. 0.80 0.00 0.20 5.85 5.85 0.30 0.20 NOM. 0.85 0.02 0.20 0.25 8.00 8.00 5.90 5.90 0.50 0.40 MAX. 0.90 0.05 0.30 5.95 5.95 0.50 All dimensions are in millimetres (mm) Figure 8-2 VQFN-56 Package Dimensions 8.4 Solder Reflow Profile The FT81x is supplied in a Pb free VQFN-48 or VQFN-56 package. The recommended solder reflow profile for the package is shown in Figure 8-3. |