| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT801Q-R bảng dữ liệu(PDF) 9 Page - Bridgetek Pte Ltd. |
|
|
|||||||||||||||||||||||||||||
FT801Q-R bảng dữ liệu(HTML) 9 Page - Bridgetek Pte Ltd. |
|
9 / 44 page ![]() Copyright © Bridgetek Pte Ltd 9 FT801 Embedded Video Engine Datasheet Version 1.3 Document Reference No.: BRT_000001 Clearance No.: BRT#003 4 Function Description The FT801 is a single chip, embedded graphic controller with the following function blocks: Serial Host Interface System Clock Graphics Engine Parallel RGB video interface Audio Engine Touch-screen support and interface Power Management The functions for each block are briefly described in the following subsections. 4.1 Serial Host Interface The FT801 uses a standard serial interface to communicate with most types of microcontrollers and microprocessors. The interface mode is configurable by pull down for SPI and pull up for I²C on pin 10 (MODE). Figure 4-1 shows the two alternative mode connections. Figure 4-1 Host Interface Options |