| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BT816Q-R bảng dữ liệu(PDF) 56 Page - Bridgetek Pte Ltd. |
|
|
|||||||||||||||||||||||||||||
BT816Q-R bảng dữ liệu(HTML) 56 Page - Bridgetek Pte Ltd. |
|
56 / 64 page ![]() Copyright © Bridgetek Pte Ltd 56 BT81X (815/6) Advanced Embedded Video Engine Datasheet Version 1.0 Document No.: BRT_000220 Clearance No.: BRT#126 8 Package Parameters The BT815/6 is available in VQFN-64 package. The package dimensions, markings and solder reflow profile for all packages are described in following sections. 8.1 Part Markings 8.1.1 Top Side Notes: 1. YYWW = Date Code, where YY is year and WW is week number 2. BRT part number will be either BT815Q or BT816Q as per device selected. 8.1.2 Bottom Side No markings should be placed on the bottom side. BRT XXXXXXXXXX BT815Q Line 1 – BRT Logo Line 4 – Date Code, Revision Line 2 – Wafer Lot Number 1 64 Line 3 – BRT Part Number YYWW-A |