công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DOM44S6V768 bảng dữ liệu(PDF) 13 Page - Hanbit Electronics Co.,Ltd

tên linh kiện DOM44S6V768
Giải thích chi tiết về linh kiện  44Pin Flash Disk Module Min.128MB ~ Max.3GB, True IDE Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HANBIT [Hanbit Electronics Co.,Ltd]
Trang chủ  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM44S6V768 bảng dữ liệu(HTML) 13 Page - Hanbit Electronics Co.,Ltd

Back Button DOM44S6V768 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd DOM44S6V768 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd DOM44S6V768 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd DOM44S6V768 Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd DOM44S6V768 Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd DOM44S6V768 Datasheet HTML 14Page - Hanbit Electronics Co.,Ltd DOM44S6V768 Datasheet HTML 15Page - Hanbit Electronics Co.,Ltd DOM44S6V768 Datasheet HTML 16Page - Hanbit Electronics Co.,Ltd DOM44S6V768 Datasheet HTML 17Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
HANBit
HFDOM44S6Vxxx
URL:www.hbe.co.kr
13 / 29
HANBit Electronics Co., Ltd.
Rev. 1.0 (April, 2005)
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
X
Feature(1)
X
Execute Drive Diagnostic
This command performs the internal diagnostic tests implemented by the CompactFlash Storage Card.
If in PCMCIA configuration this command runs only on the CompactFlash Storage Card which is addressed by the
Drive/Head register when the diagnostic command is issued. This is because PCMCIA card interface does not
allows for direct inter-drive communication (such as the ATA PDIAG and DASP signals). If in True IDE Mode the
Drive bit is ignored and the diagnostic command is executed by both the Master and the Slave with the Master
responding with status for both devices.
The Diagnostic codes shown in Table 39 are returned in the Error Register at the end of the
command.
Diagnostic Codes
Code
ERROR TYPE
01h
No Error Detected
02h
Formatter Device Error
03h
Sector Buffer Error
04h
ECC Circuitry Error
05h
Controlling Microprocessor Error
8Xh
Slave Error in True IDE Mode
Erase Sector(s) – C0h
Bit->
7
6
5
4
3
2
1
0
Command(7)
C0h
C/D/H(6)
1
LBA
1
Drive
Head(LBA 27-24)
Cyl High(5)
Cylinder High (LBA 23-16)
Cyl Low(4)
Cylinder Low (LBA 15-8)
Sec Num(3)
Sector Number (LBA 7-0 )
Sec Cnt(2)
Sector Count
Feature(1)
X
Erase Sector
This command is used to pre-erase and condition data sectors in advance of a Write without
Erase or Write Multiple without Erase command. There is no data transfer associated with this
command but a Write Fault error status can occur.
Format Track - 50h
Bit->
7
6
5
4
3
2
1
0
Command(7)
50h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com