công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DOM44S6V128 bảng dữ liệu(PDF) 21 Page - Hanbit Electronics Co.,Ltd

tên linh kiện DOM44S6V128
Giải thích chi tiết về linh kiện  44Pin Flash Disk Module Min.128MB ~ Max.3GB, True IDE Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HANBIT [Hanbit Electronics Co.,Ltd]
Trang chủ  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM44S6V128 bảng dữ liệu(HTML) 21 Page - Hanbit Electronics Co.,Ltd

Back Button DOM44S6V128 Datasheet HTML 17Page - Hanbit Electronics Co.,Ltd DOM44S6V128 Datasheet HTML 18Page - Hanbit Electronics Co.,Ltd DOM44S6V128 Datasheet HTML 19Page - Hanbit Electronics Co.,Ltd DOM44S6V128 Datasheet HTML 20Page - Hanbit Electronics Co.,Ltd DOM44S6V128 Datasheet HTML 21Page - Hanbit Electronics Co.,Ltd DOM44S6V128 Datasheet HTML 22Page - Hanbit Electronics Co.,Ltd DOM44S6V128 Datasheet HTML 23Page - Hanbit Electronics Co.,Ltd DOM44S6V128 Datasheet HTML 24Page - Hanbit Electronics Co.,Ltd DOM44S6V128 Datasheet HTML 25Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
HANBit
HFDOM44S6Vxxx
URL:www.hbe.co.kr
21 / 29
HANBit Electronics Co., Ltd.
Rev. 1.0 (April, 2005)
This command is used by the host to establish or select certain features. Table 45 defines all features that are
supported.
Feature Supported
Feature
Operation
01h
Enable 8 – bit data transfers
0Ah
Enable Power Level 1 commands
55h
Disable Read Look Ahead
66h
Disable Power on Reset(POR) establishment of defaults at Soft Reset
69h
NOP – Accepted for backward compatibility
81h
Disable 8 – bit data transfer
8Ah
Disable Power Level 1 commands
96h
NOP – Accepted for backward compatibility
97h
Accepted for backward compatibility . Use of this Feature is not recommended
9Ah
Set the host current source capability. Allows tradeoff between current drawn and
read/write speed.
BBh
4 bytes of data apply on Read/Write Long commands
CCh
Enable Power on Reset (POR) establishment of defaults at Soft Reset
Features 01h and 81h are used to enable and clear 8 bit data transfer modes in True IDE Mode. If the 01h feature
command is issued all data transfers will occur on the low order D7D0 data bus and the IOIS16 signal will not be
asserted for data register accesses.
Features 0Ah and 8Ah are used to enable and disable Power Level 1 commands. Feature 0Ah is the default
feature for the CompactFlash Storage Card with extended power.
Features 55h and BBh are the default features for the CompactFlash Storage Card; thus, the host does not have to
issue this command with these features unless it is necessary for compatibility reasons. Feature code 9Ah enables
the host to configure the card to best meet the host system’s power requirements. The host sets a value in the
Sector Count register that is equal to one-fourth of the desired maximum average current (in mA) that the card
should consume. For example, if the Sector Count register is set to 6, the card would be configured to provide the
best possible performance without exceeding 24 mA. Upon completion of the command, the card responds to the
host with the range of values supported by the card. The minimum value is set in the Cylinder Low register, and the
maximum value is set in the Cylinder Hi register. The default value, after a power on reset, is to operate at the
highest performance and therefore the highest current mode. The card will accept values outside this
programmable range, but will operate either at the lowest power or highest performance as appropriate.
Features 66h and CCh can be used to enable and disable whether the Power On Reset (POR)
Defaults will be
set when a soft reset occurs. The default setting is to revert to the POR defaults when a soft reset occurs.
Set Multiple Mode – C6h
Bit->
7
6
5
4
3
2
1
0
Command(7)
C6h
C/D/H(6)
X
Drive
X
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
Sector Count
Feature(1)
X
Set Multiple Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com