| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SHT4X bảng dữ liệu(PDF) 12 Page - Sensirion AG Switzerland |
|
|
|||||||||||||||||||||||||||||
SHT4X bảng dữ liệu(HTML) 12 Page - Sensirion AG Switzerland |
|
12 / 16 page ![]() www.sensirion.com / D1 Version 1 – October 2020 12/16 5.2 Package Outline Figure 9 Dimensional drawing of SHT4x including package tolerances (units mm). 5.3 Land Pattern The land pattern is recommended to be designed according to the used PCB and soldering process together with the physical outer dimensions of the sensor. For reference, the land pattern used with Sensirion’s PCBs and soldering processes is given in Figure 10. Soldering of the central die pad is optional. Sensirion recommends to not solder the central die pad because the sensor can reach higher temperatures upon heater activation. Figure 10: Recommended land pattern (in mm). Details can vary and depend on used PCBs and solder processes. There shall be no copper under the sensor other than at the pin pads. |