| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7LNB0 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LNB0 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 22 page ![]() ST7LNB0 2/22 1 ST7LNB0 PIN DESCRIPTION Figure 2 ST7LNB0 Pinout The following table gives the pin functions Table 2. ST7LNB0 Pin Functions Notes: 1. During normal operation this pin must be pulled- up, internally or externally (external pull-up of 10k mandatory in noisy environment). This is to avoid entering ICC mode unexpectedly during a reset. In the application, even if the pin is con- figured as output, any reset will put it back in input pull-up 2. Unused pins 15 and 16 must be tied to ground. 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 VSS VDD DRX OP8 OP7 OP6 OP5 RESET NC NC OP4 OP3 OP2 OP1 SBY DTX Pin Number Function Name Function Description 1 Vss Ground 2VDD Power Supply (+5 volts) 3 RESET Reset (active low) input 4 DRX Receive input 5 OP5 output 5 (uncommitted port) 6 OP6 output 6 (uncommitted port) 7 OP7 output 7 (uncommitted port) 8 OP8 output 8 (uncommitted port) 9 OP4 output 4 (SO B/A) 10 1) OP3 output 3 (SB/SA) 11 OP2 output 2 (H/V) 12 OP1 output 1 (Hi/Lo) 13 SBY STANDBY 14 DTX DiSEqC™ data transmit output 15,16 - Not used pins 2) 1 |