| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MBD54D bảng dữ liệu(PDF) 2 Page - E-Tech Electronics LTD |
|
|
|||||||||||||||||||||||||||||
MBD54D bảng dữ liệu(HTML) 2 Page - E-Tech Electronics LTD |
|
2 / 4 page ![]() MBD54–2/4 MBD54DWT1 Notes: 1. A 2.0 k Ω variable resistor adjusted for a Forward Current (I F ) of 10 mA. Notes: 2. Input pulse is adjusted so I R(peak) is equal to 10 mA. Notes: 3. t p » t rr Figure 1. Recovery Time Equivalent Test Circuit 0.0 0.1 0.2 0.3 0.4 0.5 0.6 100 10 1.0 0.1 V F , FORWARD VOLTAGE (VOLTS) Figure 2. Forward Voltage 0 5 10 15 20 25 30 1000 100 10 1 0.1 0.01 0.001 V R , REVERSE VOLTAGE (VOLTS) Figure 3. Leakage Current V R , REVERSE VOLTAGE (VOLTS) Figure 4. Total Capacitance 0 5 10 15 20 25 30 14 12 10 8 6 4 2 0 |