công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSTCR6M00G55-R0 bảng dữ liệu(PDF) 12 Page - Murata Manufacturing Co., Ltd

tên linh kiện CSTCR6M00G55-R0
Giải thích chi tiết về linh kiện  Ceramic Resonators/Crystal Units/MEMS Resonators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA1 [Murata Manufacturing Co., Ltd]
Trang chủ  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCR6M00G55-R0 bảng dữ liệu(HTML) 12 Page - Murata Manufacturing Co., Ltd

Back Button CSTCR6M00G55-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTCR6M00G55-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd CSTCR6M00G55-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd CSTCR6M00G55-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd CSTCR6M00G55-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd CSTCR6M00G55-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd CSTCR6M00G55-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd CSTCR6M00G55-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd CSTCR6M00G55-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Document No. JGC42-8804
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 12/16
13. 使用上の注意
Caution for Use
13-1
過大な衝撃が印加された場合、不具合を生じることがありますので取り扱いには 充分ご注意下さい。
The component may be damaged if excess mechanical stress is applied.
13-2
ご使用IC及び発振回路条件により、発振不具合(異常発振あるいは発振停止)が発生する場合がありま
すので、回路条件を充分ご確認の上ご使用下さい。
Irregular or stop oscillation may occur under unmatched circuit conditions.
13-3
当製品は、画像認識タイプの位置決め機構実装機に対応しています。但し、実装条件によっては過大な
衝撃が加わり製品本体を破損する場合がありますので事前に使用される実装機で必ず評価確認をして
下さい。なお、メカチャック機構タイプの実装機での実装は避けて下さい。詳細については事前に当社ま
でお問い合わせ下さい。
The component is recommended with placement machines with employ optical placement
capabilities. The component might be resulted in damage by excessive mechanical force. Please
make sure that you have evaluated by using placement machines before going into mass
production. Do not use placement machines which utilize mechanical positioning. Please contact
Murata for details beforehand.
13-4 はんだ付け
Soldering
この製品はリフロー方式で実装をお願いします。フロー方式には対応していません。また、やむを得ずは
んだこてを使用して製品をはんだ付け・修正する場合は、製品に直接こて先がふれないようにしてくださ
い。こて先が製品に直接触れて過剰な熱が加わった場合、圧電素子の特性劣化や製品電極の破損につ
ながる恐れがあります。
Please mount component on a circuit board by re-flow soldering. Flow soldering is not acceptable.
Be compelled to mount component by using soldering iron, please do not directly touch the
component with soldering iron. The terminals of component or electrical characteristics may be
damaged if excess thermal stress is applied.
13-4-1 推奨フラックスおよびはんだ
Recommendable Flux and Solder
フラックス
Flux
ロジン系フラックスをお使いください。水溶性フラックスは使用しないでく
ださい。
Please use rosin based flux, but do not use water soluble flux.
はんだ
Solder
Sn-3.0Ag-0.5Cu組成のはんだをご使用ください。
クリームはんだ塗布厚は、0.10~0.15mmの範囲でお願いします。
Please use solder(Sn-3.0Ag-0.5Cu) under the following condition.
Standard thickness of soldering paste : 0.10 to 0.15mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com