công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSTCR4M91G53-R0 bảng dữ liệu(PDF) 14 Page - Murata Manufacturing Co., Ltd

tên linh kiện CSTCR4M91G53-R0
Giải thích chi tiết về linh kiện  Ceramic Resonators/Crystal Units/MEMS Resonators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA1 [Murata Manufacturing Co., Ltd]
Trang chủ  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCR4M91G53-R0 bảng dữ liệu(HTML) 14 Page - Murata Manufacturing Co., Ltd

Back Button CSTCR4M91G53-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTCR4M91G53-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd CSTCR4M91G53-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd CSTCR4M91G53-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd CSTCR4M91G53-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd CSTCR4M91G53-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd CSTCR4M91G53-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd CSTCR4M91G53-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd CSTCR4M91G53-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Document No. JGC42-8798
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 14/16
13-4-4 はんだ盛り量 Solder Volume
はんだ盛り量は基板の高さ以下にしてください。基板を超えた場合、キャップと基板の封止部
が破損する可能性があります。
Please keep the solder volume less than the height of the substrate. When exceeding the
substrate, the damage of adhesive for sealing between the metal cap and the substrate may
occur.
13-5
当製品は密閉構造ではありませんので、洗浄及び樹脂コーティングすることはお避け下さい。
Conformal coating or washing to the component is not acceptable, because it is not hermetically
sealed.
13-6
実装後に基板から取り外した製品は再使用しないで下さい。
Do not reuse removed component from a circuit board after soldering.
はんだ盛り量
Solder volume
基板
Substrate
金属キャップ
Metal Cap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16