| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OPA186DBVT bảng dữ liệu(PDF) 38 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OPA186DBVT bảng dữ liệu(HTML) 38 Page - Texas Instruments |
|
38 / 48 page ![]() www.ti.com EXAMPLE BOARD LAYOUT (2.6) 8X (1.05) 8X (0.45) 6X (0.65) (R0.05) TYP 4222047/C 10/2022 SOT-23 - 1.1 mm max height DDF0008A PLASTIC SMALL OUTLINE SYMM SYMM LAND PATTERN EXAMPLE SCALE:15X 1 4 5 8 NOTES: (continued) 4. Publication IPC-7351 may have alternate designs. 5. Solder mask tolerances between and around signal pads can vary based on board fabrication site. METAL SOLDER MASK OPENING NON SOLDER MASK DEFINED SOLDER MASK DETAILS SOLDER MASK OPENING METAL UNDER SOLDER MASK SOLDER MASK DEFINED |