công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSF0108 bảng dữ liệu(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LSF0108
Giải thích chi tiết về linh kiện  LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LSF0108 bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button LSF0108 Datasheet HTML 23Page - Texas Instruments LSF0108 Datasheet HTML 24Page - Texas Instruments LSF0108 Datasheet HTML 25Page - Texas Instruments LSF0108 Datasheet HTML 26Page - Texas Instruments LSF0108 Datasheet HTML 27Page - Texas Instruments LSF0108 Datasheet HTML 28Page - Texas Instruments LSF0108 Datasheet HTML 29Page - Texas Instruments LSF0108 Datasheet HTML 30Page - Texas Instruments LSF0108 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
22-Dec-2022
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LSF0101DRYR
SON
DRY
6
5000
180.0
9.5
1.15
1.6
0.75
4.0
8.0
Q1
LSF0101DTQR
X2SON
DTQ
6
3000
180.0
9.5
0.94
1.13
0.5
2.0
8.0
Q2
LSF0102DCTR
SM8
DCT
8
3000
177.8
12.4
3.45
4.4
1.45
4.0
12.0
Q3
LSF0102DCTR
SM8
DCT
8
3000
180.0
13.0
3.35
4.5
1.55
4.0
12.0
Q3
LSF0102DCUR
VSSOP
DCU
8
3000
180.0
9.0
2.25
3.4
1.0
4.0
8.0
Q3
LSF0102DCUR
VSSOP
DCU
8
3000
178.0
9.0
2.25
3.35
1.05
4.0
8.0
Q3
LSF0102DCUR
VSSOP
DCU
8
3000
180.0
8.4
2.25
3.35
1.05
4.0
8.0
Q3
LSF0102DQER
X2SON
DQE
8
5000
180.0
9.5
1.15
1.6
0.5
4.0
8.0
Q1
LSF0102YZTR
DSBGA
YZT
8
3000
180.0
8.4
1.02
2.02
0.75
4.0
8.0
Q1
LSF0108DGSR
VSSOP
DGS
20
5000
330.0
16.4
5.4
5.4
1.45
8.0
16.0
Q1
LSF0108PWR
TSSOP
PW
20
2000
330.0
16.4
6.95
7.1
1.6
8.0
16.0
Q1
LSF0108RKSR
VQFN
RKS
20
3000
177.8
12.4
2.73
4.85
1.03
4.0
12.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53