| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APM4429K bảng dữ liệu(PDF) 8 Page - Anpec Electronics Coropration |
|
|
|||||||||||||||||||||||||||||
APM4429K bảng dữ liệu(HTML) 8 Page - Anpec Electronics Coropration |
|
8 / 10 page ![]() Copyright © ANPEC Electronics Corp. Rev. B.2 - Sep., 2005 www.anpec.com.tw 8 APM4429K Terminal Material Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Lead Solderability Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3. t 25 C to Peak tp Ramp-up t L Ramp-down ts Preheat Tsmax Tsmin T L T P 25 Time Critical Zone T L to T P ° Reflow Condition (IR/Convection or VPR Reflow) Classification Reflow Profiles Physical Specifications Profile Feature Sn-Pb Eutectic Assembly Pb-Free Assembly Average ramp-up rate (TL to TP) 3 °C/second max. 3 °C/second max. Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) 100 °C 150 °C 60-120 seconds 150 °C 200 °C 60-180 seconds Time maintained above: - Temperature (TL) - Time (tL) 183 °C 60-150 seconds 217 °C 60-150 seconds Peak/Classificatioon Temperature (Tp) See table 1 See table 2 Time within 5 °C of actual Peak Temperature (tp) 10-30 seconds 20-40 seconds Ramp-down Rate 6 °C/second max. 6 °C/second max. Time 25 °C to Peak Temperature 6 minutes max. 8 minutes max. Notes: All temperatures refer to topside of the package .Measured on the body surface. |