công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCK3000 bảng dữ liệu(PDF) 5 Page - Skeleton Technologies. All rights reserved.

tên linh kiện SCK3000
Giải thích chi tiết về linh kiện  Large supercapacitor cells
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SKELETON [Skeleton Technologies. All rights reserved.]
Trang chủ  www.skeletontech.com
Logo SKELETON - Skeleton Technologies. All rights reserved.

SCK3000 bảng dữ liệu(HTML) 5 Page - Skeleton Technologies. All rights reserved.

  SCK3000 Datasheet HTML 1Page - Skeleton Technologies. All rights reserved. SCK3000 Datasheet HTML 2Page - Skeleton Technologies. All rights reserved. SCK3000 Datasheet HTML 3Page - Skeleton Technologies. All rights reserved. SCK3000 Datasheet HTML 4Page - Skeleton Technologies. All rights reserved. SCK3000 Datasheet HTML 5Page - Skeleton Technologies. All rights reserved. SCK3000 Datasheet HTML 6Page - Skeleton Technologies. All rights reserved. SCK3000 Datasheet HTML 7Page - Skeleton Technologies. All rights reserved. SCK3000 Datasheet HTML 8Page - Skeleton Technologies. All rights reserved. SCK3000 Datasheet HTML 9Page - Skeleton Technologies. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
+ Capacitance 3400 F
+ Extreme power density
+ Durable and safe
aluminum casings
+ Threaded terminals
+ High cycle life >1,000,000 cycles
+ RoHS & UL810A
compliant
DATA SHEET
The SkelCap supercapacitor series brings the benefits of our
patented production technology to a form factor most commonly
found in industry. These cells are developed for a variety of
applications and offer very high power and excellent lifetime
characteristics.
Rated voltage V
R
Surge voltage V
s
Specific energy
Nominal specific power
Practical specific power
Energy 2
Specific energy 3
Energy density 4
Vibration Specification
Shock Resistance
Certifications
Standards
Operating temperature range
Minimum
Maximum
Storage temperature range (uncharged)
Minimum
Maximum
Storage life @ RT, uncharged
Cyclelife @ RT, between V
R and VR/2
Life
Lifetime @ V
R and +65 °C
Capacitance decrease 20% against rated value;
1s ESR increase 100% against rated value
General Specifications*
Energy
Standards and certifications
Temperature and Life
Value
Value
Value
Unit
Unit
Unit
V
V
Wh/kg
kW/kg
kW/kg
Wh
Wh/kg
Wh/L
F
mΩ
mΩ
mΩ
A
2.85
3.0
7.1
22
18
3.84
7.1
9.8
3710047
3400
0.23
0.21
0.17
2826
ISO 16750-3, Table 12
IEC60068-2-27 Shock
Test
RoHS
REACH, UL 810A
°C
°C
°C
°C
Years
Cycles
Hours
-40
+65
-40
+50
10
1,000,000
1500
Product code
Rated capacitance
Total (5s) DC ESR, Rated at 150A
DC 1s ESR, rated at 50A
DC 10ms ESR, rated at 50A
Maximum peak current,
for 1 second 1, 9
General
kA
16.8
Safety
Short circuit current
(For informational purposes -
do not use as operating current.)
Nominal power, calculated from 10 ms ESR (for comparison)
Specific power, matched Impedance 6
Power density, matched Impedance 7
Practical power, calculated from 1 s ESR (for engineering)
Power, matched impedance 5
Specific power, matched Impedance 6
Power density, matched impedance 7
Power
kW/kg
kW/L
kW
kW/kg
kW/L
22.1
30.6
9.7
17.9
24.8
Copyright © 2021 Skeleton Technologies GmbH. All rights reserved.
02-DS-220909-SKELCAP-CELLS-1D
Page 5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com