| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FAS2720 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FAS2720 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 4 page ![]() You can also build a foundation of a Data Fabric across flash, disk, and cloud. Move your data to where it’s needed and place it on the storage environment that delivers the best combination of flash performance, storage capacity, and cost efficiency. Organizations are increasingly turning to the cloud to be more responsive to user needs. If your plans include the cloud, now or in the future, the FAS2700 running ONTAP is a great choice. NetApp offers a number of options for extending your FAS2700 to the hybrid cloud with Amazon Web Services (AWS), Microsoft Azure, Google Cloud Platform (GCP), and other leading cloud providers. Options include: • Easily burst capacity to public clouds without typical capex constraints with NetApp Cloud Volumes Service, the first enterprise-class cloud-native file service for AWS and GCP, or Azure NetApp Files for Microsoft Azure. Ideal for data-intensive workloads such as analytics and DevOps, these cloud data services combine elastic, on-demand storage as a service from NetApp with ONTAP data management in a fully-managed offering. • For those seeking advanced data services for cloud block or object storage services such as AWS EBS or S3, or Azure storage, Cloud Volumes ONTAP provides data management between your on-premises environment and the public cloud with a single, common view. Running in AWS or Azure as an on-demand instance, Cloud Volumes ONTAP provides the storage efficiency, availability, and scalability of ONTAP software to allow easy movement of data between your on-premises FAS2700 and AWS or Azure storage environment with NetApp SnapMirror® data replication software. • For organizations that need an enterprise-class hybrid cloud with data governance and security, the FAS2700 can be used in a NetApp Private Storage (NPS) for Cloud solution. With NPS for Cloud, you can directly connect to multiple clouds by using a private, high-bandwidth, low-latency connection. Connect to industry-leading clouds such as AWS, GCP, Microsoft Azure, or IBM Cloud and switch between them at any time, all while maintaining complete control of your data on your dedicated, private FAS2700. With best-in-class data management and control for the hybrid cloud, NetApp cloud solutions enable seamless movement of data into and out of the cloud. Visit netapp.com/cloud to find out more about our full range of cloud offerings. Choosing the Right System NetApp offers two systems in the FAS2700 family to help you find the balance of price, performance, capacity, and features that best fits your needs. FAS2750 Equipped for higher performance needs, with space for up to 24 internal SFF drives and expansion up to a total of 144 drives, the FAS2750 is a great fit for: • Midsize organizations and distributed sites of larger organizations • Windows applications and virtual server consolidation with multiple workloads • Customers who require higher performance, I/O flexibility, and investment protection for future growth FAS2720 Geared toward value-oriented, larger capacity deployments, with space for up to 12 internal LFF drives and expansion up to a total of 144 drives, the FAS2720 is a good fit for: • Customers who require cost-effective larger capacity for secondary workloads and backup targets • Smaller organizations, remote offices, and local storage • Customers who want I/O flexibility and investment protection for future growth • Consolidating virtualized environments with a small number of Windows applications or general file-serving workloads Get It Right from the Start by Using NetApp Expertise Whether you’re planning your next-generation data center, need specialized know-how for a hybrid cloud environment, or want to optimize the operational efficiency of your existing infrastruc- ture, we have the expertise. NetApp Services and our certified partners can help you navigate your digital transformation to successfully create, deliver, and consume data services that power your business. Learn more at netapp.com/services. Figure 1) Standardize data management across architectures with a rich set of enterprise data services. ONTAP 9 Common Data Management Storage Arrays AFF + FAS Converged FlexPod ® Heterogeneous FlexArray ® Software-Defined Storage (SDS) ONTAP ® Select Near Cloud NetApp Private Storage (NPS) Cloud Cloud Volumes ONTAP ® |