công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HAL501 bảng dữ liệu(PDF) 6 Page - Micronas

tên linh kiện HAL501
Giải thích chi tiết về linh kiện  Hall-Effect Sensor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

HAL501 bảng dữ liệu(HTML) 6 Page - Micronas

Back Button HAL501 Datasheet HTML 2Page - Micronas HAL501 Datasheet HTML 3Page - Micronas HAL501 Datasheet HTML 4Page - Micronas HAL501 Datasheet HTML 5Page - Micronas HAL501 Datasheet HTML 6Page - Micronas HAL501 Datasheet HTML 7Page - Micronas HAL501 Datasheet HTML 8Page - Micronas HAL501 Datasheet HTML 9Page - Micronas HAL501 Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
HAL 5xy
DATA SHEET
6
April 15. 2010; DSH000020_004EN
Micronas
1.6. Solderability and Welding
Soldering
During
soldering
reflow
processing
and
manual
reworking, a component body temperature of 260
°C
should not be exceeded.
Welding
Device terminals should be compatible with laser and
resistance welding. Please note that the success of
the welding process is subject to different welding
parameters which will vary according to the welding
technique used. A very close control of the welding
parameters is absolutely necessary in order to reach
satisfying results. Micronas, therefore, does not give
any implied or express warranty as to the ability to
weld the component.
Fig. 1–1: Pin configuration
1 VDD
2, 4
GND
3
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48