| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PEEL22CV10API-10L bảng dữ liệu(PDF) 6 Page - Anachip Corp |
|
|
|||||||||||||||||||||||||||||
PEEL22CV10API-10L bảng dữ liệu(HTML) 6 Page - Anachip Corp |
|
6 / 10 page ![]() Anachip Corp. www.anachip.com.tw Rev. 1.0 Dec 16, 2004 6/10 Additional Macrocell Configurations Besides the standard four-configuration macrocells, each PEEL™22CV10A provides an additional eight configura- tions (twelve total) that can be used to increase design flex- ibility (see Figure 6 and Table 2). For logic assembly of all twelve configurations, specify PEEL™22CV10A+ and PEEL22CV10A++. Figure 6. Twelve Configurations of the PEEL™22CV10A+ and PEEL22CV10A++ I/O Macrocell Table 2. PEEL™ 22CV10A+ & A++ Macrocell Configuration Bits Configuration # A B C D Input/Feedback Select Output Select 1 1 1 1 1 Active Low 2 0 1 1 1 Register Active High 3 1 0 1 1 Active Low 4 0 0 1 1 Bi-Directional I/O Combinatorial Active High 5 1 1 1 0 Active Low 6 0 1 1 0 Register Active High 7 1 0 1 0 Active Low 8 0 0 1 0 Combinatorial Feedback Combinatorial Active High 9 1 1 0 0 Active Low 10 1 0 0 0 Register Active High 11 1 0 0 0 Active Low 12 0 0 0 0 Register Feedback Combinatorial Active High |