| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BAS40LP bảng dữ liệu(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
BAS40LP bảng dữ liệu(HTML) 2 Page - Diodes Incorporated |
|
2 / 3 page ![]() DS30503 Rev. 9 - 2 2 of 3 BAS40LP www.diodes.com 43 = Product Type Marking Code, Dot Denotes Cathode Side Marking Information Notes: 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Device Packaging Shipping BAS40LP-7 DFN1006-2 3000/Tape & Reel Ordering Information (Note 4) 43 0 50 100 0 25 50 75 100 125 150 T , AMBIENT TEMPERATURE (°C) Fig. 1 Power Derating Curve A 150 200 250 300 0.01 0.1 1 0.001 0.0001 0 1.0 0.6 0.8 0.4 0.2 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Voltage F T = -40ºC A T = 125ºC A T = 75ºC A T = 25ºC A T = 0ºC A 0.1 1 10 100 1000 10000 0 10 20 30 40 V , INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics R T = -40ºC A T = 25ºC A T = 75ºC A T = 125ºC A T= 0ºC A |