công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UE48-2OS bảng dữ liệu(PDF) 24 Page - SICK AG

tên linh kiện UE48-2OS
Giải thích chi tiết về linh kiện  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SICK [SICK AG]
Trang chủ  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS bảng dữ liệu(HTML) 24 Page - SICK AG

Back Button UE48-2OS Datasheet HTML 20Page - SICK AG UE48-2OS Datasheet HTML 21Page - SICK AG UE48-2OS Datasheet HTML 22Page - SICK AG UE48-2OS Datasheet HTML 23Page - SICK AG UE48-2OS Datasheet HTML 24Page - SICK AG UE48-2OS Datasheet HTML 25Page - SICK AG UE48-2OS Datasheet HTML 26Page - SICK AG UE48-2OS Datasheet HTML 27Page - SICK AG UE48-2OS Datasheet HTML 28Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for switching contacts
2 4
ue23-2mf
Product description
The U23-2MF safety relay quickly and
efficiently monitors mechanical sensors,
such as emergency stop pushbuttons
and safety switches. The integrated
functions provide a manual/automatic
reset and monitor the relay`s integrated
contacts and the actuators contacts.
at a glance
• Ideal for the connection of emergency
stop pushbuttons and safety switches
• 2 safety outputs, 1 application diag-
nostic output
• Manual or automatic reset
• External device monitoring (EDM)
• Coded plugs for all slots
Your benefits
• Saves costs thanks to its application-
oriented construction
• Fast diagnostics via status informa-
tion reduces downtime
• Fast, tool-free exchange via coded,
plug-in screw-type terminals
• Combines the advantages of classic
relays and easy circuitry
Evaluation units for switching contacts
UE23-2MF
application-specific relay for safety switches
and emergency stop pushbuttons
additional information
Detailed technical data. . . . . . . . . . . 25
Ordering information. . . . . . . . . . . . . 26
Dimensional drawings . . . . . . . . . . . 27
Connection diagram . . . . . . . . . . . . . 27
-
-
www.mysick.com/en/UE23-2MF
For more information, just enter the link or scan the QR code and get direct access to technical
data, CAD design models, operating instructions, software, application examples and much more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com