công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UE48-3OS3D2 bảng dữ liệu(PDF) 13 Page - SICK AG

tên linh kiện UE48-3OS3D2
Giải thích chi tiết về linh kiện  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SICK [SICK AG]
Trang chủ  http://www.sick.com/
Logo SICK - SICK AG

UE48-3OS3D2 bảng dữ liệu(HTML) 13 Page - SICK AG

Back Button UE48-3OS3D2 Datasheet HTML 9Page - SICK AG UE48-3OS3D2 Datasheet HTML 10Page - SICK AG UE48-3OS3D2 Datasheet HTML 11Page - SICK AG UE48-3OS3D2 Datasheet HTML 12Page - SICK AG UE48-3OS3D2 Datasheet HTML 13Page - SICK AG UE48-3OS3D2 Datasheet HTML 14Page - SICK AG UE48-3OS3D2 Datasheet HTML 15Page - SICK AG UE48-3OS3D2 Datasheet HTML 16Page - SICK AG UE48-3OS3D2 Datasheet HTML 17Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Output expansion modules for OSSDs
1 3
ue12-2fG
detailed technical data
General data
Safety-related parameters
Safety integrity level SIL3 (IEC 61508) 1)
SILCL3 (EN 62061) 1)
Category Category 4 (EN ISO 13849) 1)
Performance level PL e (EN ISO 13849) 1)
B
10d parameter
1 x 105 switching cycles (AC-15, 230 V, I = 2 A)
2.5 x 105 switching cycles (AC-15, 230 V, I = 1 A)
5.4 x 105 switching cycles (DC-13, 24 V, I = 0.5 A)
1 x 107 switching cycles (DC-13, 24 V, I ≤ 2 A)
PFHd (mean probability of a dangerous failure
per hour)
1.2 x 10-9 (EN ISO 13849)
T
M (mission time)
20 years (EN ISO 13849)
1)
If the feedback current path Y1 - Y2 (external device monitoring) is monitored using an appropriate main unit.
Electrical data
General electrical data
Voltage supply
B1/A2, B2/A2
Output circuit > 25 V AC / 60 V DC PELV
Output circuit ≤ 25 V AC / 60 V DC PELV or SELV
Power consumption
≤ 2 W (DC)
residual ripple
≤ 2.4 V
pp
1)
1)
In DC operation, within the limits of Vs.
Input circuits: B1, B2
Input voltage
24 V DC (16.8 V DC ... 27.6 V DC)
Input current
≤ 50 mA
reset time
≤ 30 ms
test pulse width
≤ 1 ms
Electrical output circuits: 13/14, 23/24, Y1/Y2
response time
≤ 10 ms
number of enable current (n/o) contacts
2, relevant for safety
number of contactor monitoring (n/c) contacts 1, external device monitoring
contact type
Positively driven
contact material
Silver alloy, gold flashed
Switching voltage
Enable current contact 10 V AC/DC ... 250 V AC/DC
Contactor monitoring contact 0.1 V AC/DC ... 60 V AC/DC
Switching current
Enable current contact 10 mA ... 6 A
Contactor monitoring contact 1 mA ... 300 mA
Switching power ≤ 1,500 VA (AC)
≤ 200 W (DC)
usage category
AC-15/DC-13
rated operating current (voltage)
3 A (230 V AC)
4 A (24 V DC)
mechanical life (relay contacts)
1 x 107 switching cycles
electrical life (relay contacts)
1 x 105 switching cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com