| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P2CF-08 bảng dữ liệu(PDF) 22 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
P2CF-08 bảng dữ liệu(HTML) 22 Page - Omron Electronics LLC |
|
22 / 66 page ![]() 22 H7CC-A @ Counter Input Modes and Present Value (See note 1.) I/O Functions for Counter Operation * Counting starts when the CP1 is turned ON after turning ON the power. UP (Increment) Mode DOWN (Decrement) Mode CP1: Count input; CP2: Prohibit (gate) input must be greater than the minimum signal width. (See note 2.) CP1: Count input; CP2: Prohibit (gate) input must be greater than the minimum signal width. (See note 2.) CP1: Prohibit (gate) input; CP2: Count input must be greater than the minimum signal width. (See note 2.) CP1: Prohibit (gate) input; CP2: Count input must be greater than the minimum signal width. (See note 2.) 0 CP1 H L CP2 Present value H L 0 1 2 4 3 5 Prohibit A A A n CP1 H L CP2 Present value H L 0 n −1 n −2 n −4 n −3 n −5 A A Prohibit A 0 *CP1 H L CP2 Present value H L 0 1 2 4 3 5 A A Prohibit A n *CP1 H L CP2 Present value H L 0 n −1 n −2 n −4 n −3 n −5 A A Prohibit A |