| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H7CC-R11 bảng dữ liệu(PDF) 25 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CC-R11 bảng dữ liệu(HTML) 25 Page - Omron Electronics LLC |
|
25 / 66 page ![]() 25 H7CC-A @ Counter Input mode Operation after count completion Output mode setting C UP DOWN As soon as the count reaches SV, the present value display returns to the reset start status. The present value display does not show the present value upon count-up. The outputs repeat one- shot operation. OUT1 self-holding output turns OFF after the OUT2 one-shot output time. The OUT1 one-shot output time is independent of OUT2. UP/DOWN A, B, C UP/DOWN D, E, F R UP DOWN The present value display returns to the reset start status after the one-shot output time. The outputs repeat one- shot operation. OUT1 self-holding output turns OFF after the OUT2 one-shot output time. The OUT1 one-shot output time is independent of OUT2. UP/DOWN A, B, C UP/DOWN D, E, F Self-holding output Self-holding output One-shot output from OUT1 One-shot output from OUT2 (The one-shot output time can be set in the range 0.01 to 99.99s.) 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 |