công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS950402YGLF-T bảng dữ liệu(PDF) 13 Page - Integrated Circuit Systems

tên linh kiện ICS950402YGLF-T
Giải thích chi tiết về linh kiện  AMD - K8 System Clock Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950402YGLF-T bảng dữ liệu(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS950402YGLF-T Datasheet HTML 9Page - Integrated Circuit Systems ICS950402YGLF-T Datasheet HTML 10Page - Integrated Circuit Systems ICS950402YGLF-T Datasheet HTML 11Page - Integrated Circuit Systems ICS950402YGLF-T Datasheet HTML 12Page - Integrated Circuit Systems ICS950402YGLF-T Datasheet HTML 13Page - Integrated Circuit Systems ICS950402YGLF-T Datasheet HTML 14Page - Integrated Circuit Systems ICS950402YGLF-T Datasheet HTML 15Page - Integrated Circuit Systems ICS950402YGLF-T Datasheet HTML 16Page - Integrated Circuit Systems ICS950402YGLF-T Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
ICS950402
0700B—04/30/04
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 3.8V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +3.8 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
ESD Protection . . . . . . . . . . . . . . . . . . . . . . . . Input ESD protection usung human body model > 1KV
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD + 0.3
V
Input Low Voltage
VIL
VSS - 0.3
0.8
V
Input High Current
IIH
5uA
Input Low Current
IIL1
-5
uA
Input Low Current
VIL2
-200
uA
IDD3.3OP66
Max loads; Select @ 100MHz
171
IDD3.3OP133
Max loads; Select @ 133MHz
183
Power Down
PD
600
uA
Input frequency
Fi
VDD = 3.3 V
12
14.318
16
MHz
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
45
pF
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% of target
frequency
3ms
1Guaranteed by design, not 100% tested in production.
mA
Input Capacitance
1
Operating Supply Current
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com