công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HV7151SP bảng dữ liệu(PDF) 49 Page - Hynix Semiconductor

tên linh kiện HV7151SP
Giải thích chi tiết về linh kiện  CMOS Image Sensor with Image Signal Processing
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HV7151SP bảng dữ liệu(HTML) 49 Page - Hynix Semiconductor

Back Button HV7151SP Datasheet HTML 45Page - Hynix Semiconductor HV7151SP Datasheet HTML 46Page - Hynix Semiconductor HV7151SP Datasheet HTML 47Page - Hynix Semiconductor HV7151SP Datasheet HTML 48Page - Hynix Semiconductor HV7151SP Datasheet HTML 49Page - Hynix Semiconductor HV7151SP Datasheet HTML 50Page - Hynix Semiconductor HV7151SP Datasheet HTML 51Page - Hynix Semiconductor HV7151SP Datasheet HTML 52Page - Hynix Semiconductor HV7151SP Datasheet HTML 53Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
HV7151SP
CMOS Image Sensor
Confidential
With Image Signal Processing
This document is a general product description and is subject to change without notice. Hynix
Semiconductor Inc. does not assume any responsibility for use of circuits described and no patent
licenses are implied.
- 49 -
2003 Hynix Semiconductor Inc.
AWB Mode Control 2 [AEMODE2 : 71h : 02h]
7
6
5
4
3
2
1
0
Reserved
AWB Low
Speed
AWB Sub-
sampling
mode
AWB
Analog
Gain
Control
Reserved
0
0
0
0
0
0
1
0
AWB Low Speed
With this bit set to high, analog gain speed is decreased to 1/4 of the normal
speed.
AWB Sub-sampling
Mode
AWB statistics is executed on 1/4 of original image data to save power
consumption
AWB Analog Gain
Control
AWB updates R/B gain registers(14h,16h) in order to reach optimum white
balance state
Cb Frame Mean Value [CBTRGT : 73h : 80h]
7
6
5
4
3
2
1
0
Cb Frame Mean
1
0
0
0
0
0
0
0
This register defines Cb target frame mean value for AWB operation.
Cr Frame Mean Value [CRTRGT : 74h : 80h]
7
6
5
4
3
2
1
0
Cr Frame Mean
1
0
0
0
0
0
0
0
This register defines Cr target frame mean value for AWB operation.
AWB Lock Boundary [AWBLBND : 75h : 02h]
7
6
5
4
3
2
1
0
Reserved
AWB Lock Boundary
0
0
0
0
0
0
1
0
It specifies Cb/Cr frame mean values’ displacement from Cb/Cr Target (73h-74h) value where AWB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com