công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MFLA2010 bảng dữ liệu(PDF) 4 Page - Eaton All Rights Reserved.

tên linh kiện MFLA2010
Giải thích chi tiết về linh kiện  SMD current sensing resistor- metal film
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EATON [Eaton All Rights Reserved.]
Trang chủ  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFLA2010 bảng dữ liệu(HTML) 4 Page - Eaton All Rights Reserved.

  MFLA2010 Datasheet HTML 1Page - Eaton All Rights Reserved. MFLA2010 Datasheet HTML 2Page - Eaton All Rights Reserved. MFLA2010 Datasheet HTML 3Page - Eaton All Rights Reserved. MFLA2010 Datasheet HTML 4Page - Eaton All Rights Reserved. MFLA2010 Datasheet HTML 5Page - Eaton All Rights Reserved. MFLA2010 Datasheet HTML 6Page - Eaton All Rights Reserved. MFLA2010 Datasheet HTML 7Page - Eaton All Rights Reserved. MFLA2010 Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Technical Data ELX1182
Effective June 2022
MFLA
SMD current sensing resistor- metal film
www.eaton.com/electronics
Electrical specifications
Part number
Size
Grade
option
Resistance value
mΩ (Part number
code)
Resistance tolerance
(Part number code)
Power rating
(Part number
code)
TCR
(ppm/°C)
Operating
temperature
MFL@1206Rxxxx*?
1206 (3216 metric)
A
240 (2400)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
250 (2500)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
270 (2700)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
280 (2800)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
300 (3000)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
330 (3300)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
340 (3400)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
360 (3600)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
390 (3900)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
400 (4000)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
420 (4200)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
430 (4300)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
470 (4700)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
500 (5000)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
510 (5100)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
560 (5600)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
600 (6000)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
620 (6200)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
680 (6800)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
710 (7100)
±1% (F)
1/2 (S)
± 200
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
750 (7500)
±1% (F)
1/2 (S)
± 100
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
820 (8200)
±1% (F)
1/2 (S)
± 100
-55 °C to +155 °C
MFL@1206Rxxxx*?
1206 (3216 metric)
A
910 (9100)
±1% (F)
1/2 (S)
± 100
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
100 (1000)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
120 (1200)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
130 (1300)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
150 (1500)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
160 (1600)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
180 (1800)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
200 (2000)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
220 (2200)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
240 (2400)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
250 (2500)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
270 (2700)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
300 (3000)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
330 (3300)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
360 (3600)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
390 (3900)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
400 (4000)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
430 (4300)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
470 (4700)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
MFL@2010Rxxxx*?
2010 (5025 metric)
A
500 (5000)
±1% (F)
3/4 W (I)
± 200
-55 °C to +155 °C
@= Enter grade option code from table above (A=Automotive)
Rxxxx = Enter resistance code option from table above xxxx= resistance code (xxx.x mΩ ex: R1000 = 100.0 mΩ)
*= Enter resistance tolerance code option from table above (F= ±1%)
?= Enter power rating code option from table above (A = 1/4 W, S = 1/2 W, I = 3/4 W, C = 1 W)



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com