công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRPC2-1200-1410 bảng dữ liệu(PDF) 2 Page - Amphenol Communications Solutions

tên linh kiện DRPC2-1200-1410
Giải thích chi tiết về linh kiện  INDUSTRIAL PLUG CABLE ASSEMBLY, INDUSTRIAL RJ PLUG INDUSTRIAL RJ PLUG-RoHS COMPLIANT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOLCS [Amphenol Communications Solutions]
Trang chủ  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

DRPC2-1200-1410 bảng dữ liệu(HTML) 2 Page - Amphenol Communications Solutions

  DRPC2-1200-1410 Datasheet HTML 1Page - Amphenol Communications Solutions DRPC2-1200-1410 Datasheet HTML 2Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
60.21 2.371
57.58 2.267
TOWARDS THE RIGHT
TOWARDS THE BOTTOM
TOWARDS THE LEFT
TOWARDS THE TOP
FIGURE 4: TOWARDS OPTIONS FOR 45 DEGREE & 90 DEGREE(90 DEGREE SHOWN, SCALE 1:1):
MILLIMETRES
INDUSTRIAL PLUG CABLE ASSEMBLY,
INCHES
KELVIN
AUG24/22
03554
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
A
B
C
D
E
F
G
KELVIN.T
UPDATE VIEW LAYOUT FOR AESTHETIC
AUG31/22
2
1
ANGULAR DEGREES
SHEET
2
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
THIRD
OF
Commercial Products
CODE ID NO.
B
SCALE:
REV
DESCRIPTION, ECN, EAR NO.
REVISIONS
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
INDUSTRIAL RJ PLUG + INDUSTRIAL RJ PLUG
SCALE
ANGLE
2
-RoHS COMPLIANT
RONNIE.C
APP'D
DWG.
NO.
6
Amphenol Canada Corp.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-DRPC2-XXXX-XXXX
UNLESS SPECIFIED OTHERWISE
DRAWING
AUG24/22
2
1
3:2
X
DRAWN
CHECKED
DATE
A
PROPOSAL DRAWING
H
SECONDARY
DWG SIZE:
GENERAL TOLERANCES
DO NOT
PROJECTION
PRIMARY UNITS
REV
M.E. APP'D
KELVIN
AUG24/22
REFERENCE IN PARENTHESES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
B
ISOMETRIC VEIW
INDUSTRIAL RJ PLUG
THE SECOND
FIGURE 3: STRAIGHT CABLE EXIT + 90 DEGREE TOWARDS THE BOTTOM (ORDERING CODE: DRPC2-XXX0-97X0)
INDUSTRIAL RJ PLUG
THE FIRST
CABLE
SEE ORDERING CODE
CABLE DIMENSION "A"
15.20 .598
90°
ISOMETRIC VEIW
THE SECOND
FIGURE 2: STRAIGHT CABLE EXIT + 45 DEGREE TOWARDS THE BOTTOM (ORDERING CODE: DRPC2-XXX0-91X0)
INDUSTRIAL RJ PLUG
INDUSTRIAL RJ PLUG
THE FIRST
CABLE
CABLE DIMENSION "A"
SEE ORDERING CODE
15.20 .598
45°
60.21 2.371
57.58 2.267



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com