| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCES296 bảng dữ liệu(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SCES296 bảng dữ liệu(HTML) 25 Page - Texas Instruments |
|
25 / 53 page ![]() www.ti.com Appendix A EVM Connector Descriptions This appendix contains the connection details for each of the main connectors on the EVM. A.1 Analog Interface Connectors A.1.1 Analog Dual-Row Socket Details, J11 and J21 The TLV320AIC3204EVM has two analog dual-row sockets located at the bottom of the board. These sockets provide support to the EVM and connect the analog ground plane of the EVM to the USB- MODEVM analog ground. Consult Samtec at www.samtec.com or call 1-800-SAMTEC-9 for a variety of mating connector options. Table 3 summarizes the analog interface pinout for the TLV320AIC3204EVM. Table 3. Analog Interface Pinout PIN NUMBER SIGNAL DESCRIPTION J11.1 NC Not Connected J11.2 NC Not Connected J11.3 NC Not Connected J11.4 NC Not Connected J11.5 NC Not Connected J11.6 NC Not Connected J11.7 NC Not Connected J11.8 NC Not Connected J11.9 AGND Analog Ground J11.10 NC Not Connected J11.11 AGND Analog Ground J11.12 NC Not Connected J11.13 AGND Analog Ground J11.14 NC Not Connected J11.15 NC Not Connected J11.16 NC Not Connected J11.17 AGND Analog Ground J11.18 NC Not Connected J11.19 AGND Analog Ground J11.20 NC Not Connected J21.1 NC Not Connected J21.2 NC Not Connected J21.3 NC Not Connected J21.4 NC Not Connected J21.5 NC Not Connected J21.6 NC Not Connected J21.7 NC Not Connected J21.8 NC Not Connected J21.9 AGND Analog Ground J21.10 NC Not Connected J21.11 AGND Analog Ground J21.12 NC Not Connected J21.13 AGND Analog Ground J21.14 NC Not Connected J21.15 NC Not Connected J21.16 NC Not Connected J21.17 AGND Analog Ground J21.18 NC Not Connected J21.19 AGND Analog Ground 25 SLAU266A – October 2008 – Revised October 2012 EVM Connector Descriptions Submit Documentation Feedback Copyright © 2008–2012, Texas Instruments Incorporated |