| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMP5020 bảng dữ liệu(PDF) 9 Page - InterFET Corporation |
|
|
|||||||||||||||||||||||||||||
SMP5020 bảng dữ liệu(HTML) 9 Page - InterFET Corporation |
|
9 / 10 page ![]() E-10 01/99 Small Outline (Surface Mount) Package Devices P-Channel Silicon Junction Field-Effect Transistors SMP2608 30 1.0 10 5 1.0 4.0 – 5 – 1.0 – 0.9 – 4.5 – 5.0 SMP2608 SMP2609 30 1.0 10 5 1.0 4.0 – 5 – 1.0 – 2.0 – 10 – 5.0 SMP2609 SMP3329 20 10 10 10 — 6.0 – 15 – 10 – 1.0 – 3.0 – 10 SMP3329 SMP3330 20 10 10 10 — 6.0 – 15 – 10 – 2.0 – 6.0 – 10 SMP3330 SMP3331 20 10 10 10 — 8.0 – 15 – 10 – 5.0 – 15 – 10 SMP3331 SMP3332 20 10 10 10 — 6.0 – 15 – 10 – 1.0 – 6.0 – 10 SMP3332 SMP3820 20 10 20 10 — 8.0 – 10 – 10 – 0.3 – 15 – 10 SMP3820 SMP3993 25 1.0 1.0 15 4.0 9.5 – 10 – 1.0 – 10 — – 10 SMP3993 SMP3994 25 1.0 1.0 15 1.0 5.5 – 10 – 1.0 – 2.0 — – 10 SMP3994 SMP4381 25 1.0 1.0 15 1.0 5.0 – 15 – 1.0 – 3.0 – 12 – 15 SMP4381 SMP5018 30 1.0 2.0 15 — 10 – 15 – 1.0 – 10 — – 20 SMP5018 SMP5019 30 1.0 2.0 15 — 5.0 – 15 – 1.0 – 5.0 — – 20 SMP5019 SMP5020 25 1.0 1.0 15 0.3 1.5 – 15 – 1.0 – 0.3 – 1.2 – 15 SMP5020 SMP5021 25 1.0 1.0 15 0.5 2.5 – 15 – 1.0 – 1.0 – 3.5 – 15 SMP5021 SMP5033 20 10 10 15 0.3 2.5 – 15 – 1.0 – 0.3 – 3.5 – 15 SMP5033 SMP5114 30 1.0 0.5 20 5.0 10 – 15 – 1.0 – 30 – 90 – 18 SMP5114 SMP5115 30 1.0 0.5 20 3.0 6.0 – 15 – 1.0 — – 60 – 15 SMP5115 SMP5116 30 1.0 0.5 20 1.0 4.0 – 15 – 1.0 – 5.0 – 25 – 15 SMP5116 SMP5460 40 10 5.0 20 0.75 6.0 – 15 – 1.0 – 1.0 – 5.0 – 15 SMP5460 SMP5461 40 10 5.0 20 1.0 7.5 – 15 – 1.0 – 2.0 – 9.0 – 15 SMP5461 SMP5462 40 10 5.0 20 1.8 9.0 – 15 – 1.0 – 4.0 – 16 – 15 SMP5462 SMPJ174 30 1.0 1.0 20 5.0 10 – 15 – 10 – 20 – 135 – 15 SMPJ174 SMPJ175 30 1.0 1.0 20 3.0 6.0 – 15 – 10 – 7.0 – 70 – 15 SMPJ175 SMPJ176 30 1.0 1.0 20 1.0 4.0 – 15 – 10 – 2.0 – 35 – 15 SMPJ176 SMPJ177 30 1.0 1.0 20 0.8 2.25 – 15 – 10 – 1.5 – 20 – 15 SMPJ177 SMPJ270 30 1.0 1.0 20 0.5 2.0 – 15 – 1.0 – 2.0 – 15 – 15 SMPJ270 SMPJ271 30 1.0 1.0 20 1.5 4.5 – 15 – 1.0 – 6.0 – 50 – 15 SMPJ271 SMPP1086 30 1.0 2.0 15 — 10 – 15 – 1.0 – 10 — – 20 SMPP1086 SMPP1087 30 1.0 2.0 15 — 5.0 – 15 – 1.0 – 5.0 — – 20 SMPP1087 Electrical Chara 1000 N. Shiloh Road, Garland, TX 75042 (972) 487-1287 FAX (972) 276-3375 www.interfet.com Device Type BV GSS I GSS V GS (OFF) I DSS Limits Conditions Min @IG Max @VGS Min Max VDS ID Min Max @VDS (V) (µA) (nA) (V) (V) (V) (V) (nA) (mA) (mA) (V) Databook.fxp 1/13/99 2:09 PM Page E-10 |