công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PPC-MB-610 bảng dữ liệu(PDF) 2 Page - Advantech Co., Ltd.

tên linh kiện PPC-MB-610
Giải thích chi tiết về linh kiện  15.6" Configurable Panel PC Chassis for Selectable Mini-ITX Motherboards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADVANTECH [Advantech Co., Ltd.]
Trang chủ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-MB-610 bảng dữ liệu(HTML) 2 Page - Advantech Co., Ltd.

  PPC-MB-610 Datasheet HTML 1Page - Advantech Co., Ltd. PPC-MB-610 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Please note: If some optional modules are offered with the system, additional system certificates may be required in certain regions/countries.
Please contact Advantech for certificate compliance.
Ordering Information
M/B Part Number
Chassis Part Number
Cooler Part Number
PPC-MB-8260AE / PPC-MB-610 /
PPC-MB-8260B/ PPC-MB-610B
(assembled in China)
PPC-615W-PTA
(assembled in China)
1960053207N001
PPC-MB-8260AU/ PPC-MB-610U/
PPC-MB-8260BU/ PPC-MB-610BU
(assembled in Taiwan)
PPC-615W-PTAU
(assembled in Taiwan)
1960053207N001
Note 1. The motherboard, chassis, and cooler should be ordered together to ensure easy configuration.
Note 2. The chassis is equipped with riser cards.
Optional Accessories
Part Number
Description
PPC-WLAN-C1E
M.2 Wi-Fi Module with Antenna cable support 2T2R
9893BE0200E
Riser card with 2 x PCIe x1 slots
9893BE03000
Riser card with 1 x PCIe x1 and 1 x PCI slots
9893BE17000
Riser card with 2 x PCIex8 slots (only for PPC-MB-6X0)
98R36151C20
Riser card with 1 x PCIex16 slots (only for PPC-MB-6X0)
PPC-ARM-A03
ARM VESA Standard (A-CLEVER) for PPC series
PPC-174T-WL-MTE
Wall mount kit for PPC series
PPC-Stand-A1E
Stand for PPC series
98R36151C10
the second 2.5" SATA HDD kit (only one riser card slots available)
98R3P612100
TPM module for PPC-MB-6X0
Dimensions
Unit: mm
Panel Cutout Dimensions: 413 x 262 mm (16.25 x 10.31 in)
I/O View
A. Power switch
B. Reserved ports
C. DC-In
D. PPC-MB-XXXX I/O port
E. Expansion x 2
Note 1: The max. dimension of expansion cards supported is 178 x 110 x 40 mm.
Note 2: If the two slots are to be used simultaneously, the max. dimension supported is 178 x 110 x 20 mm
for each PCI or PCIe expansion card.
Note 3: The max. power consumption of PCIe expansion card supported is 75W.
Note 4: If use dual HDD kits,only one riser card slots available.
PPC-615W
410.96
419.70
108.20
159.85
100.00
30.00
7.00
172.35
75.00
A
B
C
D
E
Optional Accessories
Part Number
Description
96PSA-A230W24P4-3
ADP A/D 100-240V 230W 24V C14 TERMINAL BLOCK 4P
1702002600
Power cord (USA) UL/CSA, 3-pin, 10A, 125V, 1.83 M, 180 D
1700022940-01
Power cord PSE, 3-pin, 7A, 125V, 3M, DAC-ST01
1702002605
Power Cord (EU), 3-pin, 10A, 250V 1.83M, 90D
96PSD-A480W24-MS*
PSU 100-240V 480W 24V
1700031170-01
DC-DC power cord, A cable TEM*4/TEM*4 UL2464 18AWG 150cm
1700029720-01
AC-DC power cord (US), M cable AC CONN 3P 183cm
1700030520-01
AC-DC power cord (CN), M cable conn 3P CCC 10A 250V 150cm
1700031408-01
AC-DC power cord (EU), M cable conn 3P/G-TEM*3 80CM
* please use 480W PSU when GPU card is Added.
Power Supply Cabling Guide
PSU power cord (1.83M)
P/N: 1700029720-01 (USA)
1700030520-01 (CN)
1700031408-01 (EU)
PSU DC-DC cable
P/N: 1700031170-01
TB2 pin-out
(connect from PSU DC to MIC)
Pin No.
Assignment
1, 2
DC OUTPUT+V
3, 4
DC OUTPUT-V
5, 6
Relay Contact
7, 8
NC
TB1 pin-out
(connect from AC to PSU)
Pin No.
Assignment
1
FG
2
AC/N
3
AC/L
DC - DC cable
Connect from PSU to the
PPC-615W/618W/621W
optional PSU DC-DC cable
with 4-pin phoenix connector
(1652003234)
PSU power cord & Pin Definition (connect from AC to DC)
1830±35mm
E: Green
L: Black
N: White
1
2
3
4
5
6
7
8
1
2
3
125.2
TB2
TB1



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com