công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSMA2010 bảng dữ liệu(PDF) 2 Page - Eaton All Rights Reserved.

tên linh kiện MSMA2010
Giải thích chi tiết về linh kiện  SMD current sensing resistor- metal strip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EATON [Eaton All Rights Reserved.]
Trang chủ  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MSMA2010 bảng dữ liệu(HTML) 2 Page - Eaton All Rights Reserved.

  MSMA2010 Datasheet HTML 1Page - Eaton All Rights Reserved. MSMA2010 Datasheet HTML 2Page - Eaton All Rights Reserved. MSMA2010 Datasheet HTML 3Page - Eaton All Rights Reserved. MSMA2010 Datasheet HTML 4Page - Eaton All Rights Reserved. MSMA2010 Datasheet HTML 5Page - Eaton All Rights Reserved. MSMA2010 Datasheet HTML 6Page - Eaton All Rights Reserved. MSMA2010 Datasheet HTML 7Page - Eaton All Rights Reserved. MSMA2010 Datasheet HTML 8Page - Eaton All Rights Reserved. MSMA2010 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Technical Data ELX1179
Effective June 2022
MSMA
SMD current sensing resistor- metal strip
www.eaton.com/electronics
Mechanical parameters- Inches [mm]
Recommended PCB layout- mm
Family
Size code
L
W
C
T
Figure
MSMA0603
0603
[1608]
0.063 ± 0.004
[1.60 ± 0.10]
0.031 ± 0.004
[0.80 ± 0.10]
0.016 ± 0.008
[0.40 ± 0.20]
0.012 ± 0.008
[0.30 ± 0.20]
A
MSMA0805
R < 2
0805
[2512]
0.079 ± 0.008
[2.0 ± 0.20]
0.049 ± 0.008
[1.25 ± 0.20]
0.026 ± 0.012
[0.65 ± 0.30]
0.028 ± 0.008
[0.70 ± 0.20]
A
MSMA0805
R ≥ 2
0805
[2012]
0.079 ± 0.008
[2.0 ± 0.20]
0.049 ± 0.008
[1.25 ± 0.20]
0.016 ± 0.012
[0.40 ± 0.30]
0.028 ± 0.008
[0.70 ± 0.20]
A
MSMA1206
R = 1
1206
[3216]
0.126 ± 0.008
[3.20 ± 0.20]
0.063 ± 0.008
[1.60 ± 0.20]
0.043 ± 0.012
[1.10 ± 0.30]
0.030 ± 0.008
[0.75 ± 0.20]
A
MSMA1206
R > 1
1206
[3216]
0.126 ± 0.008
[3.20 ± 0.20]
0.063 ± 0.008
[1.60 ± 0.20]
0.020 ± 0.012
[0.50 ± 0.30]
0.024 ± 0.008
[0.60 ± 0.20]
A
MSMA2010
R ≤ 3
2010
[5025]
0.197 ± 0.008
[5.0 ± 0.20]
0.098 ± 0.008
[2.50 ± 0.20]
0.059 ± 0.012
[1.50 ± 0.30]
0.024 ± 0.008
[0.60 ± 0.20]
A
MSMA2010
R > 3
2010
[5025]
0.197 ± 0.008
[5.0 ± 0.20]
0.098 ± 0.008
[2.50 ± 0.20]
0.024 ± 0.012
[0.60 ± 0.30]
0.024 ± 0.008
[0.60 ± 0.20]
A
MSMA2512
R = 0.5
2512
[6432]
0.252 ± 0.008
[6.40 ± 0.20]
0.126 ± 0.008
[3.20 ± 0.20]
0.102 ± 0.008
[2.60 ± 0.20]
0.024 ± 0.008
[0.60 ± 0.20]
A
MSMA2512
0.5 < R ≤ 3
2512
[6432]
0.252 ± 0.008
[6.40 ± 0.20]
0.126 ± 0.008
[3.20 ± 0.20]
0.087 ± 0.008
[2.20 ± 0.20]
0.024 ± 0.008
[0.60 ± 0.20]
A
MSMA2512
3 < R ≤ 50
2512
[6432]
0.252 ± 0.008
[6.40 ± 0.20]
0.126 ± 0.008
[3.20 ± 0.20]
0.035 ± 0.008
[0.90 ± 0.20]
0.024 ± 0.008
[0.60 ± 0.20]
A
MSMA2512 3W
R ≤ 4
2512
[6432]
0.252 ± 0.008
[6.40 ± 0.20]
0.126 ± 0.008
[3.20 ± 0.20]
0.087 ± 0.008
[2.2 ± 0.20]
0.035 ± 0.008
[0.90 ± 0.20]
A
MSMA2512 3W
4 < R ≤ 100
2512
[6432]
0.252 ± 0.008
[6.40 ± 0.20]
0.126 ± 0.008
[3.20 ± 0.20]
0.035 ± 0.008
[0.90 ± 0.20]
0.035 ± 0.008
[0.90 ± 0.20]
A
MSMA2512
R > 100
2512
[6432]
0.252 ± 0.008
[6.40 ± 0.20]
0.126 ± 0.008
[3.20 ± 0.20]
0.035 ± 0.008
[0.90 ± 0.20]
0.035 ± 0.008
[0.90 ± 0.20]
A
MSMA1225
1225
[3264]
0.126 ± 0.008
[3.20 ± 0.20]
0.252 ± 0.008
[6.40 ± 0.20]
0.020 ± 0.008
[0.50 ± 0.20]
0.035 ± 0.010
[0.90 ± 0.25]
B
Figure A
Figure B
Construction
Metal Alloy Plate
Over-Coat
Matte Sn/Ni
Family
Resistance
(mΩ)
A
L
B
MSMA0603
R = 0
2.1
0.7
0.7
MSMA0805
1 ≤ R ≤ 2
1.4
0.7
1.15
2 ≤ R ≤ 25
1.4
1.2
1.15
MSMA1206
R = 1
1.8
1.0
2.3
1 ≤ R ≤ 50
1.8
1.6
1.7
MSMA2010
1 ≤ R ≤ 3
3.4
2.0
3.5
4 ≤ R ≤ 50
3.4
3.5
1.5
MSMA2512
0.5 ≤ R ≤ 3
4.0
1.3
3.1
3 W, R = 4
4.0
1.3
3.1
4 ≤ R
4.0
4.1
2.1
MSMA1225
1 ≤ R ≤ 40
7.0
2.3
1.0
1. The copper foil thickness of PCB needs 3 oz. minimum
2. PCB layout dimension tolerance is +/-0.1 mm.
3. The resistance will change slightly after soldered; it is dependent on PCB pad size deign
and it’s necessary to consider the effect of the resistance increase or decrease.
Part marking
Family
Marking
MSMA0603
No marking
MSMA0805
Resistance value is expressed by
3 digits.
005 = 0.005 Ω or 5 mΩ
010 = 0.010 Ω or 10 mΩ
White box = all values less than 2 mΩ
MSMA1206
Resistance value is expressed by
2 or 4 digits.
R01 = 0.001 Ω or 1 mΩ
7R5m = 0.0075 Ω or 7.5 mΩ
R050 = 0.050 Ω or 50 mΩ
MSMA2010
Resistance value is expressed by
4 digits.
R001 = 0.001 Ω or 1 mΩ
R050 = 0.050 Ω or 50 mΩ
MSMA2512
Resistance value is expressed by
4 digits.
R50m = 0.0005 Ω or 0.5 mΩ
R001 = 0.001 Ω or 1 mΩ
6R8m = 0.0068 Ω or 6.8 mΩ
R050 = 0.050 Ω or 50 mΩ
MSMA1225
Resistance value is expressed by
3 or 4 digits.
2R2m= .0022 Ω or 2.2 mΩ
005 = 0.005 Ω or 5 mΩ
010 = 0.010 Ω or 10 mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com