công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSMA1206 bảng dữ liệu(PDF) 3 Page - Eaton All Rights Reserved.

tên linh kiện MSMA1206
Giải thích chi tiết về linh kiện  SMD current sensing resistor- metal strip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EATON [Eaton All Rights Reserved.]
Trang chủ  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MSMA1206 bảng dữ liệu(HTML) 3 Page - Eaton All Rights Reserved.

  MSMA1206 Datasheet HTML 1Page - Eaton All Rights Reserved. MSMA1206 Datasheet HTML 2Page - Eaton All Rights Reserved. MSMA1206 Datasheet HTML 3Page - Eaton All Rights Reserved. MSMA1206 Datasheet HTML 4Page - Eaton All Rights Reserved. MSMA1206 Datasheet HTML 5Page - Eaton All Rights Reserved. MSMA1206 Datasheet HTML 6Page - Eaton All Rights Reserved. MSMA1206 Datasheet HTML 7Page - Eaton All Rights Reserved. MSMA1206 Datasheet HTML 8Page - Eaton All Rights Reserved. MSMA1206 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Technical Data ELX1179
Effective June 2022
MSMA
SMD current sensing resistor- metal strip
www.eaton.com/electronics
@= Enter grade option from table above (A=Automotive)
Rxxxx = Enter resistance code option from table above xxxx= resistance code (R0000 = 0, Resistance is under 0.5mΩ for
jumper resistor , R0050 = 5.0 mΩ)
*= Enter resistance tolerance code option from table above (F= ±1%, J= ±5%)
?= Enter power rating code option from table above (A =1/4 W, S =1/2 W, C =1 W, D = 1.5 W, E = 2 W, G= 3 W)
!=Enter metal material code option from tabel above (M = MnCu, N = NiCu, C= Cu)
Electrical specifications
Part number
Size
Grade
option
Resistance value
mΩ (Part number
code)
Resistance tolerance
(Part number code)
Power rating
(Part number
code)
Metal
material
(Part
number
code)
TCR
(ppm/°C)
Operating
temperature
MSM@0603Rxxxx*?!
0603 (1608 metric)
A
0 (0000)*
±5% (J)
1/4 W (A)
Cu (C)
3800
-55 °C to +150 °C
MSM@0805Rxxxx*?!
0805 (2012 metric)
A
1 (0010)
±1% (F)
1/2 W (S)
MnCu (M)
± 100
-55 °C to +170 °C
MSM@0805Rxxxx*?!
0805 (2012 metric)
A
1.5 (0015)
±1% (F)
1/2 W (S)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@0805Rxxxx*?!
0805 (2012 metric)
A
2 (0020)
±1% (F)
1/2 W (S)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@0805Rxxxx*?!
0805 (2012 metric)
A
3 (0030)
±1% (F)
1/2 W (S)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@0805Rxxxx*?!
0805 (2012 metric)
A
4 (0040)
±1% (F)
1/2 W (S)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@0805Rxxxx*?!
0805 (2012 metric)
A
5 (0050)
±1% (F)
1/2 W (S)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@0805Rxxxx*?!
0805 (2012 metric)
A
6 (0060)
±1% (F)
1/2 W (S)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@0805Rxxxx*?!
0805 (2012 metric)
A
8 (0080)
±1% (F)
1/2 W (S)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@0805Rxxxx*?!
0805 (2012 metric)
A
9 (0090)
±1% (F)
1/2 W (S)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@0805Rxxxx*?!
0805 (2012 metric)
A
10 (0100)
±1% (F)
1/2 W (S)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@0805Rxxxx*?!
0805 (2012 metric)
A
15 (0150)
±1% (F)
1/2 W (S)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@0805Rxxxx*?!
0805 (2012 metric)
A
20 (0200)
±1% (F)
1/2 W (S)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@0805Rxxxx*?!
0805 (2012 metric)
A
25 (0250)
±1% (F)
1/2 W (S)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
1 (0010)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
2 (0020)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
3 (0030)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
3.5 (0035)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
4 (0040)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
5 (0050)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
6 (0060)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
7 (0070)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
7.5 (0075)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
8 (0080)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
9 (0090)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
10 (0100)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
12 (0120)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
14 (0140)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
15 (0150)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
16 (0160)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
18 (0180)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
20 (0200)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
22 (0220)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
25 (0250)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
30 (0300)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
40 (0400)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@1206Rxxxx*?!
1206 (3216 metric)
A
50 (0500)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com