công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HOLLOWSHAFTPMR bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện HOLLOWSHAFTPMR
Giải thích chi tiết về linh kiện  Analog Displacement Sensors for Transportation Applicationss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HOLLOWSHAFTPMR bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  HOLLOWSHAFTPMR Datasheet HTML 1Page - Vishay Siliconix HOLLOWSHAFTPMR Datasheet HTML 2Page - Vishay Siliconix HOLLOWSHAFTPMR Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Hollow Shaft PMR
www.vishay.com
Vishay MCB
Revision: 09-Sep-15
1
Document Number: 32516
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Analog Displacement Sensors for Transportation Applications
FEATURES
• Conductive plastic potentiometer technology
• Use in engine compartment
• Hollow shaft coupling
•Wire outputs
• Device eliminating shaft alignment faults
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, conductive plastic
Output type
Output by wires
Market appliance
Transportation
Dimensions
42 mm x 31.5 mm x 23.37 mm
ELECTRICAL SPECIFICATIONS
PARAMETER
Total electrical travel
94° ± 2°
Independent linearity standard
± 1.5 %
Total resistance (Rn)3.85 k ± 20 %
Output smoothness
< 0.1 % (NFC 93255)
Power rating at +40 °C
0.5 W
Power rating at +125 °C
0.05 W
Wiper current limiting resistance (Rp)1.7 k ± 20 %
Recommended wiper current
 100 μA
Maximum wiper current
15 mA for 1 min
Recommended load impedance
 100 R
n
MECHANICAL SPECIFICATIONS
PARAMETER
Mechanical travel
128° ± 4°
Running torque
< 5 Ncm
Stop strength
30 Ncm
Maximum shaft alignment fault:
hollow shaft Ø 8 - L = 9.5 mm. 6 mm on flat
0.2 mm
Protection class
IP 64 for 425 type sensor
IP 66 for 427 type sensor
Mounting screw tightening torque
2.3 Nm maximum
PERFORMANCE
PARAMETER
Operating temperature range
-40 °C to +125 °C
Storage temperature range
-55 °C to +135 °C
Vibrations:
use in engine compartment
Severity 10 Hz to 2000 Hz, 10 mm or 50 g
Life (on TET)
5M cycles
Micro-movements (dither stroke)
50M cycles


Số phần tương tự - HOLLOWSHAFTPMR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Klein Tools, Inc.
HOLDER KLEIN-HOLDER Datasheet
4Mb / 5P
IRONWORKERS
Rev. 10/23 A
logo
TOKYO SEIMITSU CO., LTD
HOLOS ACCRETECH-HOLOS Datasheet
376Kb / 4P
Free-form Curved Surface Measuring Program
More results

Mô tả tương tự - HOLLOWSHAFTPMR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
P22S VISHAY-P22S Datasheet
96Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Oct-16
PMR VISHAY-PMR Datasheet
128Kb / 7P
Analog Displacement Sensors for Transportation Applications
09-Sep-15
POTH12 VISHAY-POTH12 Datasheet
299Kb / 14P
Single-Turn Continuous Rotation Analog Displacement Sensors
16-Nov-17
PP22B VISHAY-PP22B Datasheet
112Kb / 5P
Single-Turn Continuous Rotation Analog Displacement Sensors
14-Oct-16
CABLEOUTPUTPMR VISHAY-CABLEOUTPUTPMR Datasheet
77Kb / 3P
Analog Displacement Sensors for Transportation Applications
06-Sep-16
LEVERPMR VISHAY-LEVERPMR Datasheet
126Kb / 7P
Analog Displacement Sensors for Transportation Applications
22-Mar-2021
MULTITRACKPMR VISHAY-MULTITRACKPMR Datasheet
108Kb / 4P
Analog Displacement Sensors for Off-Road Applicationss
11-Jul-2018
POPR27 VISHAY-POPR27_V01 Datasheet
160Kb / 7P
Single-Turn Continuous Rotation Analog Displacement Sensors
11-May-2022
PP12SR VISHAY-PP12SR_V01 Datasheet
84Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Jul-2021
RH28 VISHAY-RH28_V01 Datasheet
98Kb / 4P
Analog Linear Displacement Sensors
14-Oct-2022
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com