công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R46 bảng dữ liệu(PDF) 11 Page - Kemet Corporation

tên linh kiện R46
Giải thích chi tiết về linh kiện  Metallized Polypropylene Film EMI Suppression Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46 bảng dữ liệu(HTML) 11 Page - Kemet Corporation

Back Button R46 Datasheet HTML 7Page - Kemet Corporation R46 Datasheet HTML 8Page - Kemet Corporation R46 Datasheet HTML 9Page - Kemet Corporation R46 Datasheet HTML 10Page - Kemet Corporation R46 Datasheet HTML 11Page - Kemet Corporation R46 Datasheet HTML 12Page - Kemet Corporation R46 Datasheet HTML 13Page - Kemet Corporation R46 Datasheet HTML 14Page - Kemet Corporation R46 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3122_R46_X2_310_125C • 10/31/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Metallized Polypropylene Film EMI Suppression Capacitors
R46, Class X2, 310 VAC, 125°C
Soldering Process cont.
Wave Soldering Recommendations cont.
1. The table indicates the maximum set-up temperature of the soldering process.
Dielectric
Film Material
Maximum
Preheat
Temperature
Maximum
Peak Soldering
Temperature
Capacitor
Pitch
≤ 15 mm
Capacitor
Pitch
> 15 mm
Capacitor
Pitch
≤ 15 mm
Capacitor
Pitch
> 15 mm
Polyester
130°C
130°C
270°C
270°C
Polypropylene
125°C
130°C
260°C
270°C
Paper
130°C
140°C
270°C
270°C
Polyphenylene
Sulphide
150°C
160°C
270°C
270°C
2. The maximum temperature measured inside the capacitor: set the temperature so that the maximum temperature inside
the element is below the limit.
Dielectric Film Material
Maximum Temperature
Measured Inside the Element
Polyester
160°C
Polypropylene
125°C
Paper
160°C
Polyphenylene Sulphide
160°C
Temperature monitored inside the capacitor.
Selective Soldering Recommendations
Selective dip soldering is a variation of reflow soldering. In this method, the printed circuit board with through-hole
components to be soldered is preheated and transported over the solder bath as it is in normal flow soldering, without
touching the solder. When the board is over the bath, it is stopped. Pre-designed solder pots are lifted from the bath with
molten solder, only at the places of the selected components, and pressed against the lower surface of the board to solder
the components.
The temperature profile for selective soldering is similar to the double wave flow soldering outlined in this document.
However, instead of two baths, there is only one with a time from 3 – 10 seconds. In selective soldering, the risk of
overheating is greater than in double wave flow soldering, and great care must be taken so that the parts do not overheat.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com