| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MINISTACK bảng dữ liệu(PDF) 5 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
MINISTACK bảng dữ liệu(HTML) 5 Page - 3M Electronics |
|
5 / 6 page ![]() 13.0 3.0 4.0 6.0 3.0 0.9 (16.7) 16.0 6.0 9.0 3.0 0.9 (19.7) 3.0 4.0 • For use when there are less than four sockets. Creates a four-socket block to plug into the header. • Prevents debris from getting inside boardmount headers 3M™ Mini Stack Connector Dust Cover 3SD0x-S01 Material & Plating Item Material Remarks Body PBT resin UL94V-0 Ratings Item Rating Temperature -20 to 85 degree C Application Example 3SD03-S01 3SD04-S01 Dimensions Dimensions in mm |