công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CEST1-E4 bảng dữ liệu(PDF) 2 Page - PANDUIT CORP.

tên linh kiện CEST1-E4
Giải thích chi tiết về linh kiện  Cable Entry Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANDUIT [PANDUIT CORP.]
Trang chủ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CEST1-E4 bảng dữ liệu(HTML) 2 Page - PANDUIT CORP.

  CEST1-E4 Datasheet HTML 1Page - PANDUIT CORP. CEST1-E4 Datasheet HTML 2Page - PANDUIT CORP. CEST1-E4 Datasheet HTML 3Page - PANDUIT CORP. CEST1-E4 Datasheet HTML 4Page - PANDUIT CORP. CEST1-E4 Datasheet HTML 5Page - PANDUIT CORP. CEST1-E4 Datasheet HTML 6Page - PANDUIT CORP. CEST1-E4 Datasheet HTML 7Page - PANDUIT CORP. CEST1-E4 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CEST1 Family
For cutout dimensions, scan the QR code
or visit www.panduit.com/cable-entry-system-drawings
Part Number
IP/NEMA
Rating
Total
Number of
Openings
Number of Grommets
and Size Required
Overall Dimensions
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Small
Medium
Large
Length
Width
Installed
Height
In
mm
In
mm
In
mm
CEST1-C2
54/Type 1
and 12
2
—
2
—
3.98
101.1
2.28
57.9
0.59
15.0
1
50
CEST1-D3
3
—
3
—
4.76
120.9
CEST1-B4
4
4
—
—
2.91
73.9
CEST1-E4
4
—
4
—
5.83
148.1
CEST1-C5
5
4
1
—
3.98
101.1
CEST1-C6
6
6
—
—
CEST1-D7
7
6
1
—
4.76
120.9
CEST1-D8
8
8
—
—
CEST1-E8
8
6
2
—
5.83
148.1
CEST1-E9
9
8
1
—
CEST1-E12
12
12
—
—
CEST2-C2
65/Type 1,
12, and 4X
(indoor use
only)
2
—
2
—
3.98
101.1
0.71
18.0
CEST2-D2
2
—
—
2
4.76
120.9
CEST2-D3
3
—
3
—
CEST2-E3
3
—
1
2
5.83
148.1
CEST2-B4
4
4
—
—
2.91
73.9
CEST2-E4
4
—
4
—
5.83
148.1
CEST2-C5
5
4
1
—
3.98
101.1
CEST2-A6
6
6
—
—
5.83
148.1
1.5
38.1
CEST2-C6
6
6
—
—
3.98
101.1
2.28
57.9
CEST2-D7
7
6
1
—
4.76
120.9
CEST2-D8
8
8
—
—
CEST2-E8
8
6
2
—
5.83
148.1
CEST2-E9
9
8
1
—
CEST2-E12
12
12
—
—
Cable Entry System Frames for Terminated Cables - Rectangular
• Requires the use of CEG grommets to achieve sealing properties (see page 4)
— Small Grommets accommodate 0.08" – 0.47" cable diameters
— Medium Grommets accommodate 0.47" – 0.87" cable diameters
— Large Grommets accommodate 0.87" – 1.18" cable diameters
• Incorporates integrated strain relief
• Cable grommets available for ASI cables
• Requires four (4) user supplied 10-32 screws and nuts for mounting
• IP54 (NEMA Type 1 and 12) and IP65 (NEMA Type 1, 12, and 4X indoor use only)
(with suitable grommets and cables)
• Manufactured from polypropylene and TPE materials
• Flammability: UL94V-0
• Temperature rating: -22 °F – 212 °F (-30 °C – 100 °C)
Cable Entry Systems
CEST2 Family



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com