công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1306C bảng dữ liệu(PDF) 2 Page - Alpha Wire

tên linh kiện 1306C
Giải thích chi tiết về linh kiện  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALPHAWIRE [Alpha Wire]
Trang chủ  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

1306C bảng dữ liệu(HTML) 2 Page - Alpha Wire

  1306C Datasheet HTML 1Page - Alpha Wire 1306C Datasheet HTML 2Page - Alpha Wire 1306C Datasheet HTML 3Page - Alpha Wire 1306C Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Environmental
Properties
Other
CM
75°C
VW-1
2) CSA International
CMG
60°C
FT4
3) CE:
EU Low Voltage Directive 2014/35/EU
1) CE: EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU (RoHS3):
This product complies with European Directive 2011/65/EU (RoHS Directive)
of the European Parliament and of the Council of 8 June 2011 and the
amending Directive 2015/863/EU of 4 June 2015 . No Exemptions are
required for RoHS Compliance on this item.
2) REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC)
listed on the European Union's REACH candidate list in excess of 0.1%
mass of the item.
3) California Proposition 65:
This product may contain substances known to the State of California to
cause Cancer or Reproductive Harm, but is exempt from labeling based on
the Consent Judgement. See the Alpha Wire website for more information.
Physical & Mechanical Properties
1) Temperature Range
-20 to 80°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
50 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Mutual Capacitance
22.6 pF/ft @1 kHz, Nominal
3) Characteristic Impedance
81 Ω
4) Inductance
0.19 μH/ft, Nominal
5) Conductor DCR
17.3 Ω/1000ft @20°C, Nominal



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com