công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DOSP6AF0101000 bảng dữ liệu(PDF) 2 Page - Belden Inc.

tên linh kiện DOSP6AF0101000
Giải thích chi tiết về linh kiện  Category 6A OSP Cable, 4 Pair, F/UTP, Gel Free
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BELDEN [Belden Inc.]
Trang chủ  https://www.belden.com/
Logo BELDEN - Belden Inc.

DOSP6AF0101000 bảng dữ liệu(HTML) 2 Page - Belden Inc.

  DOSP6AF0101000 Datasheet HTML 1Page - Belden Inc. DOSP6AF0101000 Datasheet HTML 2Page - Belden Inc. DOSP6AF0101000 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10
5.9
59.3
57.3
53.4
51.4
47.8
44.8
25.0
100 +/- 22
100 +/- 7
67.0
58.2
40.0
15.0
16
7.5
56.2
54.2
48.8
46.8
43.7
40.7
25.0
100 +/- 22
100 +/- 7
67.0
54.1
38.0
10.9
20
8.4
54.8
52.8
46.4
44.4
41.8
38.8
25.0
100 +/- 22
100 +/- 7
67.0
52.2
37.0
9.0
25
9.4
53.3
51.3
44.0
42.0
39.8
36.8
24.3
100 +/- 22
100 +/- 7
67.0
50.2
36.0
7.0
31.25
10.5
51.9
49.9
41.4
39.4
37.9
34.9
23.6
100 +/- 22
100 +/- 7
67.0
48.3
35.1
5.1
62.5
15.0
47.4
45.4
32.4
30.4
31.9
28.9
21.5
100 +/- 22
100 +/- 7
65.6
42.3
32.0
100
19.1
44.3
42.3
25.2
23.2
27.8
24.8
20.1
100 +/- 22
100 +/- 7
62.5
38.2
30.0
200
27.6
39.8
37.8
12.2
10.2
21.8
18.8
18.0
100 +/- 22
100 +/- 7
58.0
32.2
27.0
250
31.1
38.3
36.3
7.3
5.3
19.8
16.8
17.3
100 +/- 32
100 +/- 7
56.5
30.2
26.0
300
34.3
37.1
35.1
2.9
0.9
18.3
15.3
16.8
100 +/- 32
100 +/- 7
55.3
28.7
25.2
350
37.2
36.1
34.1
16.9
13.9
16.3
100 +/- 32
100 +/- 7
54.3
27.3
24.6
400
40.1
35.3
33.3
15.8
12.8
15.9
100 +/- 32
100 +/- 7
53.5
26.2
24.0
450
42.7
34.5
32.5
14.7
11.7
15.5
100 +/- 32
100 +/- 7
52.7
25.1
23.5
500
45.3
33.8
31.8
13.8
10.8
15.2
100 +/- 32
100 +/- 7
52.0
24.2
23.0
Voltage
Voltage Rating
300 V
Mechanical Characteristics
Temperature
Operating
Installation
Storage
-20°C To +70°C 0°C To +60°C -40°C To +75°C
Bend Radius
Installation Min.
2.9 in (74 mm)
Max. Pull Tension: 25 lbs (11 kg)
Bulk Cable
Weight:
33 lbs/1000ft (49 kg/km)
Standards and Compliance
Environmental
Suitability:
Outdoor - Water Exposure, Outdoor
IEEE Compliance: IEEE 802.3bt Type 1, Type 2, Type 3, Type 4
Data Category:
Category 6A
TIA/EIA
Compliance:
ANSI/TIA-568.2-D Category 6A
ISO/IEC
Compliance:
11801 ed 2.2 (2011) Class EA
CENELEC
Compliance:
Segregation class according EN50174-2 = a
Product Notes
Notes:
Electrical values are expected performance based on cable testing and representative performance within a typical Belden system. Print Includes Descending Footage/Meter Markings from
Max. Put-Up Length to 0. Not Suitable for Direct Burial. Cable jacket system is specially designed to protect cable core. Cable contains no water-blocking tapes, gels, or powders. Install in
accordance with all applicable electrical codes. Maintain jacket integrity throughout installation process. Do not allow water or fluids to penetrate jacket sheath or to enter ends of cable.
Ensure ends of cable will be protected from water/fluids after installation. Belden recommends using an entrance demarcation point when transitioning inside buildings with OSP cables. The
suggested transition point is the REVConnect core coupler, part number RVACPKUBK-S1.
History
Update and
Revision:
Revision Number: 0.15 Revision Date: 11-01-2022
Part Numbers
Variants
Item #
Color Putup Type Length
DOSP6AF 0101000 Black
Reel
1,000 ft



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com