công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DF3A6.2F bảng dữ liệu(PDF) 1 Page - Toshiba Semiconductor

tên linh kiện DF3A6.2F
Giải thích chi tiết về linh kiện  TOSHIBA Diodes For Protecting Against ESD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF3A6.2F bảng dữ liệu(HTML) 1 Page - Toshiba Semiconductor

  DF3A6.2F Datasheet HTML 1Page - Toshiba Semiconductor DF3A6.2F Datasheet HTML 2Page - Toshiba Semiconductor DF3A6.2F Datasheet HTML 3Page - Toshiba Semiconductor DF3A6.2F Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DF3A6.2F
2014-03-01
1
TOSHIBA Diodes For Protecting Against ESD
DF3A6.2F
Product for Use Only as Protection against Electrostatic
Discharge (ESD)
*This product is for protection against electrostatic discharge (ESD) only
and is not intended for any other usage, including without limitation,
the constant voltage diode application.
• The mounting of two devices on an ultra-compact package allows the
number of parts and the mounting cost to be reduced.
Abusolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power dissipation
P
150*
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
*: Mounted on a glass epoxy circuit board of 20 mm × 20 mm,
pad dimension of 4 mm × 4 mm.
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Zener voltage
VZ
IZ = 5 mA
5.8
6.2
6.6
V
Dynamic impedance
ZZ
IZ = 5 mA
⎯
⎯
30
Ω
Reverse current
IR
VR = 3 V
⎯
⎯
1.0
μA
Terminal capacitance
(between Cathode and Anode)
CT
VR = 0 V, f = 1 MHz
⎯
55
⎯
pF
Unit: mm
1. Cathode1
2. Cathode2
3. Anode
JEDEC
―
JEITA
―
TOSHIBA
1-3G1E
Weight: 12 mg (typ.)
Start of commercial production
2005-12


Số phần tương tự - DF3A6.2F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
DF3A6.2FE TOSHIBA-DF3A6.2FE Datasheet
161Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.2FU TOSHIBA-DF3A6.2FU Datasheet
163Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.2FV TOSHIBA-DF3A6.2FV Datasheet
130Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
More results

Mô tả tương tự - DF3A6.2F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
DF3A8.2LFU TOSHIBA-DF3A8.2LFU Datasheet
91Kb / 3P
DIODES FOR PROTECTING AGAINST ESD
16-Jan-2002
DF2S12FU TOSHIBA-DF2S12FU_14 Datasheet
178Kb / 4P
TOSHIBA Diodes for Protecting against ESD
DF3A6.8UFU TOSHIBA-DF3A6.8UFU Datasheet
148Kb / 4P
TOSHIBA Diodes for Protecting against ESD
DF2B6.8E TOSHIBA-DF2B6.8E Datasheet
170Kb / 4P
TOSHIBA Diodes for Protecting against ESD
2014-03-01
DF3A5.6F TOSHIBA-DF3A5.6F Datasheet
172Kb / 4P
TOSHIBA Diodes for Protecting against ESD
2014-03-01
DF3A5.6LFU TOSHIBA-DF3A5.6LFU Datasheet
145Kb / 3P
TOSHIBA Diodes for Protecting against ESD
2014-03-01
DF3A6.2LFU TOSHIBA-DF3A6.2LFU Datasheet
157Kb / 3P
TOSHIBA Diodes for Protecting against ESD
2014-03-01
DF3A6.8CT TOSHIBA-DF3A6.8CT Datasheet
241Kb / 4P
TOSHIBA Diodes for Protecting against ESD
2014-03-01
DF3A6.8F TOSHIBA-DF3A6.8F Datasheet
325Kb / 4P
TOSHIBA Diodes For Protecting Against ESD
2017-12-12
DF3A6.8LCT TOSHIBA-DF3A6.8LCT Datasheet
308Kb / 4P
TOSHIBA Diodes for Protecting against ESD
2017-12-11
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com