công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DF2S6M5SL bảng dữ liệu(PDF) 6 Page - Toshiba Semiconductor

tên linh kiện DF2S6M5SL
Giải thích chi tiết về linh kiện  ESD Protection Diodes Silicon Epitaxial Planar
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2S6M5SL bảng dữ liệu(HTML) 6 Page - Toshiba Semiconductor

Back Button DF2S6M5SL Datasheet HTML 2Page - Toshiba Semiconductor DF2S6M5SL Datasheet HTML 3Page - Toshiba Semiconductor DF2S6M5SL Datasheet HTML 4Page - Toshiba Semiconductor DF2S6M5SL Datasheet HTML 5Page - Toshiba Semiconductor DF2S6M5SL Datasheet HTML 6Page - Toshiba Semiconductor DF2S6M5SL Datasheet HTML 7Page - Toshiba Semiconductor DF2S6M5SL Datasheet HTML 8Page - Toshiba Semiconductor DF2S6M5SL Datasheet HTML 9Page - Toshiba Semiconductor DF2S6M5SL Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DF2S6M5SL
6
8.
8.
8.
8. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
VRWM: Working peak reverse voltage
VT: Trigger voltage
VH: Holding voltage
(Reverse breakdown voltage)
It1:Test current (Reverse breakdown current)
IR: Reverse current
VC: Clamp voltage
IPP: Peak pulse current
RDYN: Dynamic resistance
IF: Forward current
VF: Forward voltage
Fig.
Fig.
Fig.
Fig. 8.1
8.1
8.1
8.1 Definitions of Electrical Characteristics
Definitions of Electrical Characteristics
Definitions of Electrical Characteristics
Definitions of Electrical Characteristics
Characteristics
Working peak reverse voltage
Total capacitance
Dynamic resistance
First peak voltage
Trigger voltage
Holding voltage
Reverse current
Clamp voltage
Symbol
VRWM
Ct
RDYN
Vpeak
VT
VH
IR
VC
VC
Note
(Note 1)
(Note 2)
(Note 3)
(Note 4)
(Note 2)
Test Condition
VR = 0 V, f = 1 MHz
It1 = 5 mA
VRWM = 5.0 V
IPP = 1 A
IPP = 2.5 A
ITLP = 4 A
ITLP = 16 A
ITLP = 30 A
Min
5.5
5.1
Typ.
0.6
0.3
65
6.0
8
9.4
8.8
13
17
Max
5.0
0.9
7.9
0.1
15
Unit
V
pF
Ω
V
V
V
µA
V
V
Note 1: Recommended operating condition.
Note 2: TLP parameters: Z0 = 50 Ω, tp = 100 ns, tr = 300 ps, averaging window: t1 = 30 ns to t2 = 60 ns, extraction of
dynamic resistance using least squares fit of TLP characteristics between IPP1 = 16 A and IPP2 = 30 A.
Note 3: According to IEC61000-4-2 (contact), test voltage V = +8 kV
Note 4: Based on IEC61000-4-5 8/20 µs pulse.
2019-12-17
Rev.2.0
©2018-2019
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com