công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CG5145LS bảng dữ liệu(PDF) 5 Page - Littelfuse

tên linh kiện CG5145LS
Giải thích chi tiết về linh kiện  Gas Discharge Tubes CG5 and SL0902A Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG5145LS bảng dữ liệu(HTML) 5 Page - Littelfuse

  CG5145LS Datasheet HTML 1Page - Littelfuse CG5145LS Datasheet HTML 2Page - Littelfuse CG5145LS Datasheet HTML 3Page - Littelfuse CG5145LS Datasheet HTML 4Page - Littelfuse CG5145LS Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2020 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 11/24/20
CG5 and SL0902A Series
Gas Discharge Tubes
Part Numbering System and Ordering Information
CG5 xxx L TR
Breakdown Voltage
90 = 90V
145 = 145V
150 = 150V
230 = 230V
250 = 250V
270 = 270V
350 = 350V
400 = 400V
470 = 470V
600 = 600V
Series
CG5
Lead Option Code
(Blank) = Core Device (No Leads)
L = Straight Leads
LS = Shaped Leads
MS = Surface Mount
Packaging Option Code
(Blank) = Bulk (Applies to Core Devices Only)
TR = Tape & Reel
SL0902A xxx SM
Breakdown Voltage
090 = 90V
230 = 230V
350 = 350V
420 = 420V
600 = 600V
Series
SL0902A
Lead Option Code
SM = Surface Mount
(Packaging Option Code is not applicable for SL0902A)
Packaging
Part Number and Device Type
Device Dimensions Reference
Quantity and Packaging Description
CG5xxx
Core
Outline 501
1000pcs/bag in bulk packaging
CG5xxxLS
Shaped Leads
Outline 500
900pcs/reel in carrier and tape*
CG5xxxLTR
CG5xxxL-03TR**
Straight Axial Leads
Outline 502
1000pcs/reel in tape and reel*
CG5xxxL-02**
Bent Radial Leads
Outline 503
50pcs/tray in tray and cover
CG5xxxMS
SL0902AxxxSM
Surface mount
Outline 505
900pcs/reel in carrier and tape*
* For tape specifications and dimensions, please contact factory.
** Special order items not available for general sale. Please contact Littelfuse for details.
Surface Mount Device Orientation
Note: Surface Mount device orientation on carrier tape as shown below
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are not
designed for, and may not be used in, all applications. Read complete Disclaimer Notice at: www.littelfuse.com/disclaimer-electronics.



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com