công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DF2S5M5CT bảng dữ liệu(PDF) 1 Page - Toshiba Semiconductor

tên linh kiện DF2S5M5CT
Giải thích chi tiết về linh kiện  ESD Protection Diodes Silicon Epitaxial Planar
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2S5M5CT bảng dữ liệu(HTML) 1 Page - Toshiba Semiconductor

  DF2S5M5CT Datasheet HTML 1Page - Toshiba Semiconductor DF2S5M5CT Datasheet HTML 2Page - Toshiba Semiconductor DF2S5M5CT Datasheet HTML 3Page - Toshiba Semiconductor DF2S5M5CT Datasheet HTML 4Page - Toshiba Semiconductor DF2S5M5CT Datasheet HTML 5Page - Toshiba Semiconductor DF2S5M5CT Datasheet HTML 6Page - Toshiba Semiconductor DF2S5M5CT Datasheet HTML 7Page - Toshiba Semiconductor DF2S5M5CT Datasheet HTML 8Page - Toshiba Semiconductor DF2S5M5CT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DF2S5M5CT
1
ESD Protection Diodes Silicon Epitaxial Planar
DF2S5M5CT
Start of commercial production
2020-08
1. General
The DF2S5M5CT is a TVS diode (ESD protection diode) protects semiconductor devices used in mobile device
interfaces and other applications to protect against static electricity and noise.
Utilizing snapback characteristics, the DF2S5M5CT provides low dynamic resistance and superior protective
performance.
Furthermore, it is optimum the high speed signal application for the low capacitance performance. The
DF2S5M5CT is housed in an ultra-compact package (1.0 mm × 0.6 mm) to meet applications that require a small
footprint.
2. Applications
Mobile Equipment
� Smartphones
� Tablets
� Notebook PCs
Desktop PCs
Note:
This product is designed for protection against electrostatic discharge (ESD) and is not intended for any other
purpose, including, but not limited to, voltage regulation.
3. Features
(1)
Suitable for use with a 3.3 V signal line. (VRWM ≤ 3.3 V)
(2)
Protects devices with its high ESD performance.
(VESD = ±20 kV (Contact / Air) @IEC61000-4-2)
(3)
Low dynamic resistance protects semiconductor devices from static electricity and noise.
(RDYN = 0.3 Ω (typ.))
(4)
Snapback characteristics realizing low clamping voltage protects semiconductor devices.
(VC = 7.8 V@IPP = 2.5 A (typ.))
(5)
Compact package is suitable for use in high density board layouts such as in mobile devices.
(1.0 mm × 0.6 mm size (Nickname: CST2))
4. Packaging
CST2
2021-03-17
Rev.1.0
©2021
Toshiba Electronic Devices & Storage Corporation


Số phần tương tự - DF2S5M5CT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
DF2S5M4CT TOSHIBA-DF2S5M4CT Datasheet
386Kb / 9P
ESD Protection Diodes Silicon Epitaxial Planar
2018-01-25 Rev.3.0
DF2S5M4FS TOSHIBA-DF2S5M4FS Datasheet
403Kb / 9P
ESD Protection Diodes Silicon Epitaxial Planar
2019-11-01 Rev.2.0
DF2S5M4SL TOSHIBA-DF2S5M4SL Datasheet
317Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
More results

Mô tả tương tự - DF2S5M5CT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
DF2B7M2CL TOSHIBA-DF2B7M2CL Datasheet
317Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
DF2B7SL TOSHIBA-DF2B7SL Datasheet
258Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
DF2S6M4SL TOSHIBA-DF2S6M4SL Datasheet
316Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
DF2S7MSL TOSHIBA-DF2S7MSL Datasheet
312Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
DF2B36FU TOSHIBA-DF2B36FU Datasheet
430Kb / 10P
ESD Protection Diodes Silicon Epitaxial Planar
DF10G7M1N TOSHIBA-DF10G7M1N Datasheet
281Kb / 9P
ESD Protection Diodes Silicon Epitaxial Planar
DF2B5M4ASL TOSHIBA-DF2B5M4ASL Datasheet
374Kb / 9P
ESD Protection Diodes Silicon Epitaxial Planar
DF2B5BSL TOSHIBA-DF2B5BSL Datasheet
329Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
2020-05-13 Rev.2.0
DF2B5M4CT TOSHIBA-DF2B5M4CT Datasheet
365Kb / 9P
ESD Protection Diodes Silicon Epitaxial Planar
2017-12-21 Rev.2.0
DF2B5M5SL TOSHIBA-DF2B5M5SL Datasheet
360Kb / 9P
ESD Protection Diodes Silicon Epitaxial Planar
2018-03-12 Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com