công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECSL41AD bảng dữ liệu(PDF) 2 Page - Littelfuse

tên linh kiện ECSL41AD
Giải thích chi tiết về linh kiện  Current Monitoring Relays and Transducers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ECSL41AD bảng dữ liệu(HTML) 2 Page - Littelfuse

  ECSL41AD Datasheet HTML 1Page - Littelfuse ECSL41AD Datasheet HTML 2Page - Littelfuse ECSL41AD Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2018 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Current Monitoring Relays and Transducers
www.littelfuse.com/ecs
ECS SERIES
Ordering Information
MODEL
SENSING
INPUT VOLTAGE
TRIP POINT ADJUSTABLE
TRIP DELAY
SENSING DELAY ON STARTUP
ECS20BC
Selectable, over or undercurrent
24VAC
0.5 - 5A
0.5 - 50s
1s
ECS21BC
Selectable, over or undercurrent
24VAC
2 - 20A
0.5 - 50s
1s
ECS2HBC
Selectable, over or undercurrent
24VAC
5 - 50A
0.5 - 50s
1s
ECS30AC
Selectable, over or undercurrent
24VDC
0.5 - 5A
0.150 - 7s
1s
ECS40A
Selectable, over or undercurrent
120VAC
0.5 - 5A
0.150 - 7s
0s
ECS40AC
Selectable, over or undercurrent
120VAC
0.5 - 5A
0.150 - 7s
1s
ECS40BC
Selectable, over or undercurrent
120VAC
0.5 - 5A
0.5 - 50s
1s
ECS41A
Selectable, over or undercurrent
120VAC
2 - 20A
0.150 - 7s
0s
ECS41AC
Selectable, over or undercurrent
120VAC
2 - 20A
0.150 - 7s
1s
ECS41BC
Selectable, over or undercurrent
120VAC
2 - 20A
0.5 - 50s
1s
ECS41BD
Selectable, over or undercurrent
120VAC
2 - 20A
0.5 - 50s
2s
ECS41BH
Selectable, over or undercurrent
120VAC
2 - 20A
0.5 - 50s
6s
ECS4HBC
Selectable, over or undercurrent
120VAC
5 - 50A
0.5 - 50s
1s
ECS4HBH
Selectable, over or undercurrent
120VAC
5 - 50A
0.5 - 50s
6s
ECS60AH
Selectable, over or undercurrent
230VAC
0.5 - 5A
0.150 - 7s
6s
ECS60BC
Selectable, over or undercurrent
230VAC
0.5 - 5A
0.5 - 50s
1s
ECS61BC
Selectable, over or undercurrent
230VAC
2 - 20A
0.5 - 50s
1s
ECS6HAH
Selectable, over or undercurrent
230VAC
5 - 50A
0.150 - 7s
6s
ECSH21F2.5C
Overcurrent
24VAC
2 - 20A
2.5s
1s
ECSH30AC
Overcurrent
24VDC
0.5 - 5A
0.150 - 7s
1s
ECSH31AD
Overcurrent
24VDC
2 - 20A
0.150 - 7s
2s
ECSH31F.08D
Overcurrent
24VDC
2 - 20A
0.08s
2s
ECSH3HF0.08D
Overcurrent
24VDC
5 - 50A
0.08s
2s
ECSH34F.08C
Overcurrent
24VDC
4A non-adjustable
0.08s
1s
ECSH40A
Overcurrent
120VAC
0.5 - 5A
0.150 - 7s
0s
ECSH40AC
Overcurrent
120VAC
0.5 - 5A
0.150 - 7s
1s
ECSH40AD
Overcurrent
120VAC
0.5 - 5A
0.150 - 7s
2s
ECSH41AC
Overcurrent
120VAC
2 - 20A
0.150 - 7s
1s
ECSH41AD
Overcurrent
120VAC
2 - 20A
0.150 - 7s
2s
ECSH41BC
Overcurrent
120VAC
2 - 20A
0.5 - 50s
1s
ECSH41F.08D
Overcurrent
120VAC
2 - 20A
0.08s
2s
ECSH4HAD
Overcurrent
120VAC
5 - 50A
0.150 - 7s
2s
ECSH4HF.08D
Overcurrent
120VAC
5 - 50A
0.08s
2s
ECSH61AD
Overcurrent
230VAC
2 - 20A
0.150 - 7s
2s
ECSL31A
Undercurrent
24VDC
2 - 20A
0.150 - 7s
0s
ECSL40AC
Undercurrent
120VAC
0.5 - 5A
0.150 - 7s
1s
ECSL40B
Undercurrent
120VAC
0.5 - 5A
0.5 - 50s
0s
ECSL40BH
Undercurrent
120VAC
0.5 - 5A
0.5 - 50s
6s
ECSL41A
Undercurrent
120VAC
2 - 20A
0.150 - 7s
0s
ECSL41AD
Undercurrent
120VAC
2 - 20A
0.150 - 7s
2s
ECSH4HAD
Overcurrent
120VAC
5 - 50A
0.150 - 7s
2s
ECSL41AH
Undercurrent
120VAC
2 - 20A
0.150 - 7s
6s
ECSL4HAC
Undercurrent
120VAC
5 - 50A
0.150 - 7s
1s
ECSL4HBH
Undercurrent
120VAC
5 - 50A
0.5 - 50s
6s
ECSL61AH
Undercurrent
230VAC
2 - 20A
0.150 - 7s
6s
ECSL6HAC
Undercurrent
230VAC
5 - 50A
0.150 - 7s
1s
If you don’t find the part you need, call us for a custom product 800-843-8848
Rev: 1-A-101218



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com