công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECSL40AC bảng dữ liệu(PDF) 3 Page - Littelfuse

tên linh kiện ECSL40AC
Giải thích chi tiết về linh kiện  Current Monitoring Relays and Transducers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ECSL40AC bảng dữ liệu(HTML) 3 Page - Littelfuse

  ECSL40AC Datasheet HTML 1Page - Littelfuse ECSL40AC Datasheet HTML 2Page - Littelfuse ECSL40AC Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2018 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Current Monitoring Relays and Transducers
www.littelfuse.com/ecs
ECS SERIES
Specifications
Sensor
Type
Toroidal through hole wiring
Mode
Over or undercurrent, switch selectable on the
unit or factory fixed
Trip Point Range
0.5 - 50A in 3 adjustable ranges or fixed
Tolerance
Adjustable
Guaranteed range
Fixed
0.5 - 25A: 0.5A or ±5% whichever is less;
26 - 50A: ±2.5%
Maximum Allowable Current Steady – 50A turns;
Inrush – 300A turns for 10s
Trip Point Hysteresis
≅ ±5%
Trip Point vs. Temperature
±5%
Response Time
≤ 75ms
Frequency
45/500 Hz
Type of Detection
Peak detection
Trip Delay
Type
Analog
Range
Adjustable
0.150 - 7s; 0.5 - 50s (guaranteed ranges)
Factory Fixed
+/- 10%
Delay vs. Temperature
±15%
Sensing Delay on Startup
Factory fixed 0 - 6s: +40%, -0%
Input
Voltage
24 , 120, or 230VAC; 12 or 24VDC
Tolerance
12VDC & 24VDC/AC
-15 - 20%
120 & 230VAC
-20 - 10%
AC Line Frequency
50/60 Hz
Output
Type
Electromechanical relay
Form
Isolated, SPDT
Rating
10A resistive @ 240VAC; 1/4 hp @ 125VAC;
1/2 hp @ 250VAC
Life
Mechanical – 1 x 106 ; Electrical – 1 x 105
Protection
Circuitry
Encapsulated
Isolation Voltage
≥ 2500V RMS input to output
Insulation Resistance
≥ 100 MΩ
Mechanical
Mounting
Surface mount with two #6 (M3.5 x 0.6) screws
Dimensions
H 88.9 mm (3.5”); W 63.5 mm (2.5”);
D 44.5 mm (1.75”)
Termination
0.25 in. (6.35 mm) male quick connect
terminals (5)
Environmental
Operating/Storage
Temperature
-40° to 60°C / -40° to 85°C
Humidity
95% relative, non-condensing
Weight
≅ 6.4 oz (181 g)
NO = Normally Open
Contact
NC = Normally Closed
Contact
A = Sensing Delay On
Start Up
TD =Trip Delay
TP =Trip Point
R = Reset
OC = Monitored Current
Function Diagrams
Overcurrent Sensing
Undercurrent Sensing
Rev: 1-A-101218
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products
are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com